Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 55 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 55 Page - ams AG

Back Button AS8218 Datasheet HTML 51Page - ams AG AS8218 Datasheet HTML 52Page - ams AG AS8218 Datasheet HTML 53Page - ams AG AS8218 Datasheet HTML 54Page - ams AG AS8218 Datasheet HTML 55Page - ams AG AS8218 Datasheet HTML 56Page - ams AG AS8218 Datasheet HTML 57Page - ams AG AS8218 Datasheet HTML 58Page - ams AG AS8218 Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 55 of 123
Register Name
Address
Reset Value
Notes
OUT_MUX2
9504h
00h
SET_EN0
9505h
00h
SET_EN1
9506h
00h
SEL_DRV0
9507h
00h
SEL_DRV1
9508h
00h
SEL_PUPD0
9509h
00h
SEL_PUPD1
950Ah
00h
SEL_IN_RXD2
950Bh
04h
SEL_IN_REFP
950Ch
03h
Input
IN0
950Dh
00h
IN1
950Eh
00h
Output
OUT0
950Fh
00h
OUT1
9510h
00h
OUT2
9511h
00h
OUT3
9512h
00h
OUT4
9513h
00h
OUT5
9514h
00h
OUT6
9515h
00h
OUT7
9516h
00h
OUT8
9517h
00h
OUT9
9518h
00h
OUT10
9519h
00h
OUT11
951Ah
00h
AS8228 only
Pulse counter
PCNT0
951Bh
00h
PCNT1
951Ch
00h
PCNT2
951Dh
00h
Status
STATUS0
951Eh
00h
STATUS1
951Fh
00h
Note: Unused addresses are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com