Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 78 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 78 Page - ams AG

Back Button AS8218 Datasheet HTML 74Page - ams AG AS8218 Datasheet HTML 75Page - ams AG AS8218 Datasheet HTML 76Page - ams AG AS8218 Datasheet HTML 77Page - ams AG AS8218 Datasheet HTML 78Page - ams AG AS8218 Datasheet HTML 79Page - ams AG AS8218 Datasheet HTML 80Page - ams AG AS8218 Datasheet HTML 81Page - ams AG AS8218 Datasheet HTML 82Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 78 of 123
UART2 ............ serial interface RS232 with extended baudrate generator
SQRT .............. square root calculation out of 5 bytes (40 bits) input, 2.5 bytes (20 bits) output
SPI.................. serial peripheral interface, used to access an external EEPROM
Bootload .......... downloads program data after reset, combined with the SPI
LCDD .............. LCD driver block
RTC ................ real time clock, time/data may be set via UART1 (SCT)
MPIO............... multi-purpose I/O pins, configurable inputs and outputs
DSP ................ digital signal processing unit interfaces to analog front end (AFE)
AFE................. analog front end, includes amplifiers and A to D converters
SCT ................ system control unit, combined with UART1 used for debugging/programming of the device
Key Features
-
8051 compatible 8 bit oriented microcontroller core
-
128 bytes of internal data memory (I_RAM)
-
24kB program memory (P_RAM)
-
1kB data memory (X_RAM)
-
Von Neumann architecture, shared program and data memory
-
Cycle optimized compared to standard 8051, some instructions are executed in a single clock cycle
-
128 bytes of SFR range
-
Standard SFRs: Timer 0, UART1 (with 16 baudrate reg.)
-
Specific SFRs: UART2 (with 16 bit baudrate reg.), SQRT block
-
Fully compatible 8051 instruction set including DA, MUL and DIV instruction
-
7 internal interrupt sources
-
Ports P0, P1, P2, P3 are not implemented
-
P0 and P2 are accessible as registers
-
Register PCON is not implemented
-
No idle mode via PCON
-
Automatic bootload of application program after power-on reset
-
6 clock cycles per instruction (12 cycles in standard 8051)
-
1 data pointer DPTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com