Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 17 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 17 Page - ams AG

Back Button AS8218 Datasheet HTML 13Page - ams AG AS8218 Datasheet HTML 14Page - ams AG AS8218 Datasheet HTML 15Page - ams AG AS8218 Datasheet HTML 16Page - ams AG AS8218 Datasheet HTML 17Page - ams AG AS8218 Datasheet HTML 18Page - ams AG AS8218 Datasheet HTML 19Page - ams AG AS8218 Datasheet HTML 20Page - ams AG AS8218 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 17 of 123
The current input signal levels may be programmed by means of on-chip programmable gain settings. The
required gain setting is selected as follows:
Current Input Gain Settings
Gain
Input Voltage
Comments
Current Inputs I1P, I1N
20
-30mV
≤VI1P≤30mV
Shunt mode; default setting
16
-38mV
≤VI1P≤38mV
CT mode or shunt mode
4
-150mV
≤VI1P≤150mV
CT mode
Current Inputs I2P, I2N
20
-30mV
≤VI2P≤30mV
Shunt mode
16
-38mV
≤VI2P≤38mV
CT mode or shunt mode
4
-150mV
≤VI2P≤150mV
CT mode; default setting
Notes:
1) VI1N and VI2N are connected to VSSA.
2) Refer to the Settings Register (SREG) in the DSP section for programming of the Gain Settings.
For optimum operating conditions, the input signal at the Maximum Current (Imax) condition should be set at
±30mVp, when the Gain = 20, or ±150mVp, when the Gain = 4.
The default Gain, the AS8218 / AS8228 ICs current input gain settings without any programming required, is
Gain = 20 for the I1 input and Gain = 4 for the I2 input.
The value of an ideal shunt resistor, may be calculated as follows:
Assuming an Imax rating of 60A (rms) → 84.85A (peak), then a shunt value of 350µΩ would be suitable.
Ω
μ
=
=
354
A
85
.
84
mV
30
R
p
p
shunt
thus a standard 300µ
Ω shunt resistor may be selected.
The mains currents are sampled at 3.4956kHz, assuming that the recommended crystal oscillator frequency of
3.5795MHz, is used.
The current transformer(s) must be terminated with a voltage setting resistor (RVS) to ensure the optimum
voltage input level to the current input(s) of the AS8218 / AS8228 ICs. The value of RVS is calculated as
follows:
2
I
V
R
L
)
p
(
in
VS =
where IL
= CT RMS secondary current at rated conditions (Vmains; Imax)
Vin(p) = The peak input voltage to the IC at rated conditions (Vmains; Imax). For example, if Gain = 4,
Vin(p) should be set at 150mVpeak.
Example: A current transformer is specified at 60A/24mA and the Gain = 4:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com