Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 42 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 42 Page - ams AG

Back Button AS8218 Datasheet HTML 38Page - ams AG AS8218 Datasheet HTML 39Page - ams AG AS8218 Datasheet HTML 40Page - ams AG AS8218 Datasheet HTML 41Page - ams AG AS8218 Datasheet HTML 42Page - ams AG AS8218 Datasheet HTML 43Page - ams AG AS8218 Datasheet HTML 44Page - ams AG AS8218 Datasheet HTML 45Page - ams AG AS8218 Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 42 of 123
Note: Alarm interrupts are only generated on rising clk_1hz edges (using system clock for detection). This
means that enabling an alarm after that will not generate an interrupt.
Seconds / VL Register (9100h)
MSB
LSB
VL
sec.6
sec.5
sec.4
sec.3
sec.2
sec.1
sec.0
Bit
Symbol Function
7
VL
VL = 0; reliable clock / calendar information guaranteed.
VL = 1; clock / calendar information is NOT guaranteed.
This bit is set after power-up of VDD_BAT. It can be cleared by software only.
6
sec.6
5
sec.5
4
sec.4
3
sec.3
2
sec.2
1
sec.1
0
sec.0
These bits represent current seconds value encoded in BCD format (values from 0 to 59).
Minutes Register (9101h)
MSB
LSB
0
min.6
min.5
min.4
min.3
min.2
min.1
min.0
These bits represent current minute value encoded in BCD format (values from 0 to 59).
Hours Register (9102h)
MSB
LSB
0
0
hour.5
hour.4
hour.3
hour.2
hour.1
hour.0
These bits represent the current hours value encoded in BCD format (values from 0 to 23).
Days Register (9103h)
MSB
LSB
0
0
day.5
day.4
day.3
day.2
day.1
day.0
These bits represent current day value encoded in BCD format (values from 1 to 31).
Note on leap years: ‘00’ years in general are no leap years unless the complete year can be divided by 400
(e.g. 2000). Since the year 2000 has passed already, this chip will not consider a leap year for ‘00’ years.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com