Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 14 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 14 Page - ams AG

Back Button AS8218 Datasheet HTML 10Page - ams AG AS8218 Datasheet HTML 11Page - ams AG AS8218 Datasheet HTML 12Page - ams AG AS8218 Datasheet HTML 13Page - ams AG AS8218 Datasheet HTML 14Page - ams AG AS8218 Datasheet HTML 15Page - ams AG AS8218 Datasheet HTML 16Page - ams AG AS8218 Datasheet HTML 17Page - ams AG AS8218 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 14 of 123
8. Detailed Functional Description
The AS8218 / AS8228 integrated circuits have a dedicated measurement front end, which is capable of
measuring active and reactive energy, RMS mains voltage, RMS mains current as well as power factor. There
are two completely separate differential current channel inputs, for measurement of both the Live and Neutral
currents. The two current inputs may be connected to a shunt resistor (I1) and a current transformer (I2); of
which the secondary winding is terminated with a burden resistor. Both current channels have programmable
gains; thus it is possible to connect the shunt resistor to any of the two differential current inputs. The option to
use two current transformers is also available. The AS8218 / AS8228 ICs may be programmed to accept either
of the two measured currents for the energy calculation, or may be programmed to accept the larger of the two
currents for the energy calculation.
The AS8218 / AS8228 ICs may also be used for conventional 1-phase single current measurement
applications, where only the Live current is measured. In this case, the I2P and I2N pins are left unconnected
and the second current channel modulator can be powered down.
The voltage channel input for measurement of the line voltage is also differential and is connected to a tap of a
resistive divider of the line voltage. The resistive divider can be set to accommodate any line voltage standard
(Vmains) including 100V, 110V, 220V, 230V and 240V.
A 3.0 to 4.0MHz low power oscillator generates the system clock for the AS8218 / AS8228 ICs. The absolute
clock frequency may be calibrated on-chip. A low power divider is used to generate a 1Hz clock for the on-chip
real time clock/calendar (RTC). The supply voltage to the low power oscillator, the low power divider and the
RTC may be buffered with an external battery in case of mains power dips or failures, which results in the
AS8218 / AS8228 ICs power supply being interrupted.
The LCD driver (LCDD) signals LSD0 … LSD23 and LBP0 … LBP3 can be directly connected to a liquid crystal
display (LCD), which is used to display the various measured parameters. A total of 80 LCD segments may be
driven by the AS8218 IC and 96 LCD segments may be driven by the AS8228 IC. The measurement data and
display annunciators are fully programmable. The meter system designer should define the annunciators so
that the end customer’s specific meter system requirements are met.
A maximum of twelve programmable multi-purpose input/output (MPIO) pins are available for various meter
functions, for example light-emitting diodes (LED) to signal energy consumption, energy direction, fault
condition, etc. These I/O pins may also be programmed for use as bi-directional communication channels such
as an optical interface or an additional Universal Asynchronous Receiver/Transmitter (UART2) Interface,
should it so be required. The AS8218 has 9 x MPIO pins, while the AS8228 has 12 x MPIO pins.
A dedicated Serial Peripheral Interface (SPI) is also provided for the direct connection to an external EEPROM
memory with a compatible serial peripheral interface. Depending on the meter system requirements, the
external EEPROM memory capacity may be selected from 1kB up to 32kB, in binary steps.
The on-chip 8051 compatible microcontroller performs all the required calculations and enables the user to
customize the input and output configuration of the meter. The microcontroller has 24kB of program memory,
1kB data memory, a square root calculation facility and a second UART (UART2) for debugging purposes.
A programmable watchdog timer is provided to automatically initiate a system reset when a regular hold-off
signal is not detected by the watchdog timer. The watchdog timer is an optional function which is software
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com