Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 85 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 85 Page - ams AG

Back Button AS8218 Datasheet HTML 81Page - ams AG AS8218 Datasheet HTML 82Page - ams AG AS8218 Datasheet HTML 83Page - ams AG AS8218 Datasheet HTML 84Page - ams AG AS8218 Datasheet HTML 85Page - ams AG AS8218 Datasheet HTML 86Page - ams AG AS8218 Datasheet HTML 87Page - ams AG AS8218 Datasheet HTML 88Page - ams AG AS8218 Datasheet HTML 89Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 85 of 123
Memory Maps
The MCU51 is configured as Von Neumann architecture merging program and data range into one 64kB
address space. This space is completely accessible via MOVX and partly accessible via MOVC (0000h –
5FFFh). Besides, there is the typical 8051 structure with 128 bytes of internal memory (I_RAM) and the special
function registers (SFRs) also in a 128 byte address space.
SFRs
Direct addressing
FFh
80h
128 bytes
I_RAM
7Fh
00h
Internal Memory
unused
FFFFh
C000h
IDATA /PS
Memory
Special
Function
Registers
unused
A000h
unused
1kB X_RAM
24kB
P_RAM
5FFFh
0000h
9000h
8000h
6000h
unused
9FFFh
MPIO
LCDD
DSP
SPI
RTC
SCT
9500h
9400h
9300h
9200h
9100h
9000h
Direct addressing
Register indirect
addressing
Register addressing
MOVX A, @DPTR
(4 banks)
MOVX @DPTR, A
Bit addressing
MOVC A, @A+PC
MOVC A, @A+DPTR
} only for 0000h – 5FFFh
MOVX @Ri, A
MOVXA, @Ri with Ri
ε {R0, R1},
P2 represents upper address bits
Program Memory (P_RAM)
The P_RAM shares address and output data lines with the X_RAM. 24kB out of 64kB addressable memory are
used: 0000h – 5FFFh for program storage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com