Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 90 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 90 Page - ams AG

Back Button AS8218 Datasheet HTML 86Page - ams AG AS8218 Datasheet HTML 87Page - ams AG AS8218 Datasheet HTML 88Page - ams AG AS8218 Datasheet HTML 89Page - ams AG AS8218 Datasheet HTML 90Page - ams AG AS8218 Datasheet HTML 91Page - ams AG AS8218 Datasheet HTML 92Page - ams AG AS8218 Datasheet HTML 93Page - ams AG AS8218 Datasheet HTML 94Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 90 of 123
Symbol
Register Name
Address Notes
SBaudL2
UART2 Baudrate Low
C2h
SBaudH2
UART2 Baudrate High
C3h
SOVR2
UART2 Overflow
B0h
SQRTIN0
Square Root Input [7:0]
E8h
Writing to this location triggers the
squareroot calculation
SQRTIN1
Square Root Input [15:8]
E9h
SQRTIN2
Square Root Input [23:16]
EAh
SQRTIN3
Square Root Input [31:24]
EBh
SQRTIN4
Square Root Input [39:32]
ECh
SQRTOUT0 Square Root Output [7:0]
EDh
SQRTOUT1 Square Root Output [15:8]
EEh
SQRTOUT2 Square Root Output [23:16]
EFh
Notes:
1) Ports P1 and P3 do not exist.
2) Timer 1 is not implemented (and the related SFRs).
3) Ports P0 and P2 are not connected to pins.
P0 and P2 can be used as a register in general.
However, P2 can be used for X_RAM access, when ‘@Ri’ is used in the register indirect addressing mode
(with Ri being either R0 or R1). In that case P2 will form the higher byte of the X_RAM address.
4) IE/IP: The sources for the interrupts are defined in interrupt controller section.
5) TCON, TMOD, TH0, TLO described in section Timer 0.
6) SCON, SBUF, SBaudL, SBaudH, SOVR are related to UART1 described in the UART section.
7) SCON2, SBUF2, SBaudL2, SBaudH2, SOVR2 are related to UART2 described in the UART2 section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com