Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 45 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 45 Page - ams AG

Back Button AS8218 Datasheet HTML 41Page - ams AG AS8218 Datasheet HTML 42Page - ams AG AS8218 Datasheet HTML 43Page - ams AG AS8218 Datasheet HTML 44Page - ams AG AS8218 Datasheet HTML 45Page - ams AG AS8218 Datasheet HTML 46Page - ams AG AS8218 Datasheet HTML 47Page - ams AG AS8218 Datasheet HTML 48Page - ams AG AS8218 Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 45 of 123
Year Alarm Register (1/2) (9118h/911Dh)
MSB
LSB
yeara.7
yeara.6
yeara.5
yeara.4
yeara.3
yeara.2
yeara.1
yeara.0
These bits represent the year alarm value encoded in BCD format (value from 0 to 99).
Setting the Time
The time can be set by writing to the respective time and calendar registers. When this is done the clock stops,
the WAIT bit is set and the control waits for the WAIT bit to be reset (by the MCU or through System Control).
When the WAIT bit is reset the clock gate will be opened and the RTC starts running.
Alarms
When time and one of the alarm registers match (seconds = 0), an interrupt is generated. The source of the
interrupt is indicated in the A[1|2]F register bits in the Control/Status 2 register.
The alarm generation can be disabled using the AIE1/2 bits.
When the rest of the chip is off, there is no clock for the MCU interface, hence no alarm will be generated.
The MCU interface is reset with the ‘res’ signal which is coming from the PSM, i.e. all Status 2 bits are reset to
default, which means that after MCU power-up it has to set the appropriate alarms again. (After power-up the
MCU has to check what the time is, and has to decide what the next appropriate alarms will be.)
Seconds Timer (9112h, 9113h)
The seconds counter block, if enabled (SIE bit of Control/Status 2 register), generates an interrupt every n
seconds. ‘n’ is the number of seconds specified in the Seconds Timer registers 9112h (Byte 0) and 9113h (Byte
1). When an interrupt is sent, the flag STF is set.
The Seconds Timer register is not BCD coded.
Seconds counter start value:
0000h
Seconds counter count direction:
up
Condition for interrupt generation:
Seconds counter register value = Seconds Timer register value
Note: 0000h in the timer register means that no interrupt must be generated.
RTC Calibration (clk_1Hz)
When using the real-time clock (RTC) it is essential that the 1Hz signal to the real-time clock is accurate. There
are many possible external influences on the crystal oscillator frequency including the absolute crystal
frequency itself and the parasitic and oscillator capacitor values.
These influences alone can contribute to a significant change in the oscillator frequency. In this case, it is
necessary to perform a calibration of the 1Hz signal through the ‘Programmable Divider’ located in the 'Low
Power Divider'.
The procedure for trimming the RTC via the 'Programmable Divider' is explained below:
Assuming a crystal frequency of 3.579545 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com