Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 95 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 95 Page - ams AG

Back Button AS8218 Datasheet HTML 91Page - ams AG AS8218 Datasheet HTML 92Page - ams AG AS8218 Datasheet HTML 93Page - ams AG AS8218 Datasheet HTML 94Page - ams AG AS8218 Datasheet HTML 95Page - ams AG AS8218 Datasheet HTML 96Page - ams AG AS8218 Datasheet HTML 97Page - ams AG AS8218 Datasheet HTML 98Page - ams AG AS8218 Datasheet HTML 99Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 95 of 123
;-------------------------------------------------------------------------------
; program fragment for enabling uart2 for serial communication.
;
; sfr locations --
;
SCON2
EQU
0C0h
; Serial 2 Control Register
SBUF2
EQU
0C1h
; Serial 2 Port Register
SBAUDL2
EQU
0C2h
; Serial 2 Baudload LowByte
SBAUDH2
EQU
0C3h
; Serial 2 Baudload HighByte
;
; variables --
;
BaudrateLO
EQU
11
; Baudrate Value for 19200 baud,
BaudrateHI
EQU
0
; mcu_clk = 3.58MHz
;
; memory map for the uart2 configurations --
;
OUTMUX1
EQU
09503H
; need to be set as 0x80
SET_ENO
EQU
09505H
; need to be set as 0x80
SEL_PUPDO
EQU
09509H
; need to be set as 0x40
SEL_IN
EQU
0950BH
; need to be set as 0x05
;
; instruction code fragment
; ...
MOV
IE,#0A0h
; enable serial interrupt UART2 0xA0
MOV
DPTR,#OUTMUX1
; 09503H <- 80h ; maps txd2 to IO7
MOV
A,#080h
MOVX
@DPTR,A
MOV
DPTR,#SET_ENO
; 09505H <- 80h ; enable output IO7
MOV
A,#080h
MOVX
@DPTR,A
MOV
DPTR,#SEL_PUPDO
; 09509H <- 40h ; enable pullup for IO6
MOV
A,#040h
MOVX
@DPTR,A
MOV
DPTR,#SEL_IN
; 0950BH <- 05h ; map rxd2 to IO6
MOV
A,#005h
MOVX
@DPTR,A
MOV
SBAUDL2,#BaudrateLO ; set Baudrate (16 bits)
MOV
SBAUDH2,#BaudrateHI
MOV
SCON2,#050h
;
Set up uart2 serial port for Rx and Tx.
; ...
;-------------------------------------------------------------------------------
Timer 0
There is only Timer 0 present, Timer 1 is not implemented except for some flags in the TCON register, which
are also used for Timer 0. Furthermore, there is no counter mode available as the inputs T1 and INTO of the
standard 8051 are not mapped to external pins. The connection of Timer 0 in each of its four operating modes
is shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com