Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 27 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 27 Page - ams AG

Back Button AS8218 Datasheet HTML 23Page - ams AG AS8218 Datasheet HTML 24Page - ams AG AS8218 Datasheet HTML 25Page - ams AG AS8218 Datasheet HTML 26Page - ams AG AS8218 Datasheet HTML 27Page - ams AG AS8218 Datasheet HTML 28Page - ams AG AS8218 Datasheet HTML 29Page - ams AG AS8218 Datasheet HTML 30Page - ams AG AS8218 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 27 of 123
Wait for next
power samples
Add power
sample to accu
Generate pulse
Accu>
threshold
defined by
pulse_lev?
Y
N
The Fast Pulse Gen output pulse rate always has the same relationship with the LED pulse rate defined by
mconst. Only if LED is calibrated to a meter constant different from those provided in the mconst table, will the
fast internal pulse rate be different.
Formula for fast internal pulse rate (PRint):
[]
kWh
/
i
mconst
Rate
Pulse
et
arg
T
800
,
204
PRint
×
=
where mconst is the meter constant.
[]
Ws
PR
600
,
3
000
,
1
i
1
int
×
=
when 1i is one impulse representing an energy equivalent.
Active Power Calibration (Pulse_lev)
This paragraph describes how the active power measurement within the AS8218 / AS8228 ICs is calibrated.
The parameter Pulse_lev is the main parameter which determines the output frequency of the Fast Pulse Gen.
This frequency relates to the measured power and is the basis from which the output pulse rate is derived.
Prior to system calibration, the appropriate value for the parameter Pulse_lev must be calculated to produce
the required output pulse rate. The calibration exercise must accommodate all non-idealities that are present in
the meter system.
The Pulse_lev is specified such that a typical pulse rate of 204,800i/kWh can be achieved.
During energy pulse calibration the correct Pulse_lev is determined in order to get the desired pulse rate.
The default value for Pulse_lev is defined for Imax=40A and Vmains=230V.
Default Pulse_lev: 570,950
Example for Pulse_lev calculations:
)
default
(
lev
_
Pulse
I
A
40
V
V
230
)
ideal
(
lev
_
Pulse
max
mains
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com