Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 24 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 24 Page - ams AG

Back Button AS8218 Datasheet HTML 20Page - ams AG AS8218 Datasheet HTML 21Page - ams AG AS8218 Datasheet HTML 22Page - ams AG AS8218 Datasheet HTML 23Page - ams AG AS8218 Datasheet HTML 24Page - ams AG AS8218 Datasheet HTML 25Page - ams AG AS8218 Datasheet HTML 26Page - ams AG AS8218 Datasheet HTML 27Page - ams AG AS8218 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 24 of 123
Calibration of V and I Channels
The single channel data may be corrected with a 16-bit calibration value.
The calibration range is [1 LSB; 2 – 1 LSB], step size (1 LSB): 3.052 x 10
-5.
Calibration Register Setting
Value
0000h
0
0001h
0.00003052 (= 1 LSB)
…
…
2000h
0.25
…
…
4000h
0.5
…
…
8000h
1.0
…
…
FFFFh
1.99996948 (2 – 1LSB)
The V and I channel RMS calculation and calibration is described below (V and I channel are identical, thus
only the I channel is shown):
The ideal values after RMS calculations of voltage and current are:
RMS_V(ideal) = 479(rms)
RMS_I(ideal) = 292,110(rms)
These values assume ideal input conditions with Vin = 100mVp at rated conditions and Iin = 30mVp (Gain = 20)
at rated conditions.
e.g: Imax = 60A → 292,110 ≅ 60A
Ical = 10A →
A
10
685
,
48
6
110
,
292
)
ideal
(I
_
RMS
≅
=
=
Due to non-ideal components a different RMS value is calculated: RMS_I(actual). From this, the required
calibration factor is calculated using the following formula:
)
actual
(I
_
RMS
)
ideal
(I
_
RMS
i
_
cal
=
The following formula calculates the actual value to be programmed into the calibration registers (cal_v; cal_i1;
cal_i2):
))
768
,
32
i
_
cal
(
round
(
hex
)
reg
(i
_
cal
×
=
Constant Voltage Register (vconst)
The vconst registers (9334h and 9335h) provide a predefined voltage value that can be used for calculating
energy when the Vmains is not available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com