Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 5 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 5 Page - ams AG

  AS8218 Datasheet HTML 1Page - ams AG AS8218 Datasheet HTML 2Page - ams AG AS8218 Datasheet HTML 3Page - ams AG AS8218 Datasheet HTML 4Page - ams AG AS8218 Datasheet HTML 5Page - ams AG AS8218 Datasheet HTML 6Page - ams AG AS8218 Datasheet HTML 7Page - ams AG AS8218 Datasheet HTML 8Page - ams AG AS8218 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 5 of 123
Pin No.
Pin Name
AS8218
Pin Name
AS8228
Type
Description
10
IO1
IO1
DIO
Programmable multi-purpose input/output, with selectable pull-up or
pull-down resistors and selectable drive strength.
11
IO2
IO2
DIO
Programmable multi-purpose input/output, with selectable pull-up or
pull-down resistors and selectable drive strength.
12
IO3
IO3
DIO
Programmable multi-purpose input/output, with selectable pull-up or
pull-down resistors and selectable drive strength.
13
VDDD
VDDD
S
Positive digital supply. VDDD provides the positive supply voltage to the
digital circuitry and is internally connected to pin 22. The required supply
voltage is 3.3V
±10%.
14
VSSD
VSSD
S
Negative digital supply. VSSD is the ground reference for the digital
circuitry.
15
IO4
IO4
DIO
Programmable multi-purpose input/output, with selectable pull-up or
pull-down resistors and selectable drive strength.
16
IO5
IO5
DIO
Programmable multi-purpose input/output, with selectable pull-up or
pull-down resistors and selectable drive strength.
17
IO6
IO6
DIO
Programmable multi-purpose input/output, with selectable pull-up or
pull-down resistors and selectable drive strength.
18
IO7
IO7
DIO
Programmable multi-purpose input/output, with selectable pull-up or
pull-down resistors and selectable drive strength.
19
IO8
IO8
DIO
Programmable multi-purpose input/output, with selectable pull-up or
pull-down resistors and selectable drive strength.
20
SI
SI
DIPD Serial peripheral interface (SPI) for external EEPROM: Serial data input.
SI is a digital input with an on-chip pull-down resistor.
21
VSSD
VSSD
S
Negative digital supply. VSSD is the ground reference for the digital
circuitry.
22
VDDD
VDDD
S
Positive digital supply. VDDD provides the positive supply voltage to the
digital circuitry and is internally connected to pin 13. The required supply
voltage is 3.3V
±10%.
23
S_N
S_N
DO
Serial peripheral interface (SPI) for external EEPROM: Chip select
(active low).
24
SO
SO
DO
Serial peripheral interface (SPI) for external EEPROM: Serial data
output
25
SC
SC
DO
Serial peripheral interface (SPI) for external EEPROM: Serial clock
26
n.c.
IO9
DIO
Programmable multi-purpose input/output, with selectable pull-up or
pull-down resistors and selectable drive strength.
27
n.c.
IO10
DIO
Programmable multi-purpose input/output, with selectable pull-up or
pull-down resistors and selectable drive strength.
28
n.c.
IO11
DIO
Programmable multi-purpose input/output, with selectable pull-up or
pull-down resistors and selectable drive strength.
29
TXD
TXD
DO
Universal Asynchronous Receiver/Transmitter (UART1) serial transmit
data output.
30
RXD
RXD
DIPU Universal Asynchronous Receiver/Transmitter (UART1) serial receive
data input. RXD is a digital input with an on-chip pull-up resistor.
31
VDD_BAT
VDD_BAT
S
Battery backup supply voltage input for the system timing and real time
clock (RTC).
32
XIN
XIN
AI
A 3.0 to 4.0MHz crystal may be connected across XIN and XOUT
without the requirement for external load capacitors. Alternatively, an
external clock signal may be applied to XIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com