Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 70 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 70 Page - ams AG

Back Button AS8218 Datasheet HTML 66Page - ams AG AS8218 Datasheet HTML 67Page - ams AG AS8218 Datasheet HTML 68Page - ams AG AS8218 Datasheet HTML 69Page - ams AG AS8218 Datasheet HTML 70Page - ams AG AS8218 Datasheet HTML 71Page - ams AG AS8218 Datasheet HTML 72Page - ams AG AS8218 Datasheet HTML 73Page - ams AG AS8218 Datasheet HTML 74Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 70 of 123
8.5
External EEPROM Requirements
An external EEPROM with SPI bus serial interface is used for non-volatile program and data storage. The SPI
master block that communicates with the EEPROM is specified above. This section explains the requirement
for Serial EEPROMs. It shows the most important figures and tables as a reference. For the details please turn
to the data sheet of your specifically applied EEPROM.
The following minimum requirements must be fulfilled:
Pins
There must be at least the typical SPI pins like
serial data input (EEP_SI), serial data output (EEP_SO)
serial clock input (EEP_SC), chip select input (EEP_S_N)
Clock Rate
The applicable clock rate pin EEP_SC must be
≥ 1MHz to allow correct bootloading for maximum mcu_clk =
4MHz.
Status Register
must look like this:
don’t care for AS8218 / AS8228 bootloader/SCT
Bit 0 must be the WIP bit, indicating that a write operation is in progress. Only this bit is polled during the
EEPROM upload, means programming of the EEPROM. The Status register can be accessed via the RDSR
instruction.
Data Protection
The write protection block size is given in the table below:
Status Register Bits
BP1
BP0
Protected Block
Array Addresses Protected
Example only
0
0
None
None
0
1
Upper quarter
6000h – 7FFFh
1
0
Upper half
4000h – 7FFFh
1
1
Whole memory
0000h – 7FFFh
Note: The array addresses must be referenced from the data sheet of the specific EEPROM used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com