Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 76 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 76 Page - ams AG

Back Button AS8218 Datasheet HTML 72Page - ams AG AS8218 Datasheet HTML 73Page - ams AG AS8218 Datasheet HTML 74Page - ams AG AS8218 Datasheet HTML 75Page - ams AG AS8218 Datasheet HTML 76Page - ams AG AS8218 Datasheet HTML 77Page - ams AG AS8218 Datasheet HTML 78Page - ams AG AS8218 Datasheet HTML 79Page - ams AG AS8218 Datasheet HTML 80Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 76 of 123
Figure 19: Timing diagram
After having finished the write sequence, the EEPROM goes to programming state for about 5ms to 10ms
(depending on the EEPROM type). The AS8218 / AS8228 read out the Status register in a loop until bit0 = WIP
(write in progress) goes low. Then the UART transmits the acknowledge instruction FAh.
Example Read EEPROM Locations 1FF0 and 1FF1:
On EEP_SO the expected 21h and 42h are transmitted.
UART
READ_P
Address
Block Length
Data1
Data2
RXD
F3
1F
F0
00
02
-
-
TXD
-
-
-
-
-
21
42
SPI
READ
EEP_SI
03
1F
F0
00
00
00
00
EEP_SO
x
x
x
x
x
21
42
x ......... don’t care
- ......... no activity, idle = ‘1’
Figure 20: Timing diagram
s ......... stop bit
F4
1F
F0
00
02
21
42
06 03
42
21
F0
1F
WRITE_P
ADDRESS
DATA1
BLOCK LENGTH
DATA2
Read Status
Register
00
F3
1F
F0
02
21
42
READ_P
ADDRESS
DATA1
BLOCK LENGTH
DATA2
1 1 0 0 1 1 1 1 s
1 1 1 1 1 0 0 0 s 0 0 0 0 0 1 1 1 1 s
(03)
(F0)
(1F)
(42)
(21)
0 0 0 0 0 0 0 0 s
0 1 0 0 0 0 0 0 s
1 0 0 0 0 1 0 0 s 0 1 0 0 0 0 1 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com