Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 87 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 87 Page - ams AG

Back Button AS8218 Datasheet HTML 83Page - ams AG AS8218 Datasheet HTML 84Page - ams AG AS8218 Datasheet HTML 85Page - ams AG AS8218 Datasheet HTML 86Page - ams AG AS8218 Datasheet HTML 87Page - ams AG AS8218 Datasheet HTML 88Page - ams AG AS8218 Datasheet HTML 89Page - ams AG AS8218 Datasheet HTML 90Page - ams AG AS8218 Datasheet HTML 91Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 87 of 123
Address Contents
Address Contents
Address Contents
Address Contents
9300h
samptoend [7:0]
9301h
samptoend [15:8]
9302h
np[7:0]
9303h
np[15:8]
9304h
np[23:16]
9305h
np[31:24]
9306h
sos_v[7:0]
9307h
sos_v[15:8]
9308h
sos_v[23:16]
9309h
sos_v[31:24]
930Ah sos_v[35:32]
930Bh sos_i1[7:0]
930Ch sos_i1[15:8]
930Dh sos_i1[23:16]
930Eh sos_i1[31:24]
930Fh sos_i1[39:32]
9310h
sos_i1[47:40]
9311h
sos_i1[53:48]
9312h
sos_i2[7:0]
9313h
sos_i2[15:8]
9314h
sos_i2[23:16]
9315h
sos_i2[31:24]
9316h
sos_i2[39:32]
9317h
sos_i2[47:40]
9318h
sos_i2[53:48]
9319h
-
931Ah -
931Bh -
931Ch -
931Dh -
931Eh -
931Fh -
9320h
pcorr_i1[7:0]
9321h
pcorr_i1[8]
9322h
pcorr_i2[7:0]
9323h
pcorr_i2[8]
9324h
cal_v[7:0]
9325h
cal_v[15:8]
9326h
cal_i1[7:0]
9327h
cal_i1[15:8]
9328h
cal_i2[7:0]
9329h
cal_i2[15:8]
932Ah pulselev_i1 0
932Bh pulselev_i1 1
932Ch pulselev_i1 2
932Dh pulselev_i2 0
932Eh pulselev_i2 1
932Fh pulselev_i2 2
9330h
mconst[3:0]
9331h
-
9332h
nsamp[7:0]
9333h
nsamp[15:8]
9334h
vconst[7:0]
9335h
vconst[13:8]
9336h
Select
9337h
Gains
9338h
Status
9339h
-
933Ah -
933Bh -
DSP
9400h
SSPCON
9401h
SSPCLKDIV
9402h
SSPSTAT
9403h
SSPBUF
SPI
9500h
make_irq0
9501h
make_irq1
9502h
out_mux0
9503h
out_mux1
9504h
out_mux2
9505h
set_en0
9506h
set_en1
9507h
sel_drv0
9508h
sel_drv1
9509h
sel_pupd0
950Ah sel_pupd1
950Bh sel_in
950Ch sel_refp
950Dh in0
950Eh in1
950Fh out0
9510h
out1
9511h
out2
9512h
out3
9513h
out4
9514h
out5
9515h
out6
9516h
out7
9517h
out8
9518h
out9
9519h
out10
951Ah out11
951Bh pcnt0
951Ch pcnt1
951Dh pcnt2
951Eh Status0
951Fh Status1
MPIO
Note: Shaded addresses available with the AS8228 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com