Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 94 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 94 Page - ams AG

Back Button AS8218 Datasheet HTML 90Page - ams AG AS8218 Datasheet HTML 91Page - ams AG AS8218 Datasheet HTML 92Page - ams AG AS8218 Datasheet HTML 93Page - ams AG AS8218 Datasheet HTML 94Page - ams AG AS8218 Datasheet HTML 95Page - ams AG AS8218 Datasheet HTML 96Page - ams AG AS8218 Datasheet HTML 97Page - ams AG AS8218 Datasheet HTML 98Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 94 of 123
Watchdog Timer Clock Register (WDTCLK)
MSB
LSB
-
-
-
-
-
-
WDTCLK1
WDTCLK0
Bit
Symbol
Function
7
-
Not used
6
-
Not used
5
-
Not used
4
-
Not used
3
-
Not used
2
-
Not used
Clock Source
Timeout Period (ms)
Bit1
Bit0
Mclk – default after reset
73.2
0
0
1
WDTCLK1
Mclk
292.8
0
1
Mclk
1171.2
1
0
Mcu_clk (div=1)
73.2
0
WDTCLK0
Watchdog timeout period
(Mclk = 3.579545MHz)
Mcuclk (div=128)
9300
1
1
2
nd UART (UART2)
An additional serial interface, UART2 is provided for debugging purposes. UART2 is accessible via two of the
multi-purpose I/Os (MPIO). The UART2 is functionally identical to UART1. The SFR addresses are defined as
follows:
Register Name
Address
Description
SCON2
C0h
Serial port control register – see Serial Interface – UART1 for details.
SBUF2
C1h
Serial port buffer register – see Serial Interface – UART1 for details.
SBAUDL2
C2h
Baudrate reload register – Low address
SBAUDH2
C3h
Baudrate reload register – High address
SOVR2
B0h
‘Serial overflow’ register, which indicates when data in SBUF has been
overwritten before being read. The flag is the LSB with the other 7 bits all
being 0.
Below is an example how to configure the ports IO7 and IO6 as UART2s txd2 (IO7) and rxd2 (IO6) pins.
;-------------------------------------------------------------------------------
; Configure UART2 to the pins IO6 and IO7 with the Baudrate of 19200 Baud:
;-------------------------------------------------------------------------------
; map txd2 = IO7
; map rxd2 = IO6
;-------------------------------------------------------------------------------
xdata mem: OUTMUX1
(9503h) <- 80h ; maps txd2 to IO7
xdata mem: SET_ENO
(9505h) <- 80h ; enable output IO7
xdata mem: SEL_PUPDO
(9509h) <- 40h ; enable pullup for IO6
xdata mem: SEL_IN
(950Bh) <- 05h ; map rxd2 to IO6
idata mem: SBAUDL2
(0C2)
<- 11h ; set Baudrate register low
idata mem: SBAUDH2
(0C3)
<- 00h ; set Baudrate register high
idata mem: SCON2
(0C0)
<- 50h ; setup UART2 serial port for Rx and Tx.
;-------------------------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com