Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 1 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 1 Page - ams AG

  AS8218 Datasheet HTML 1Page - ams AG AS8218 Datasheet HTML 2Page - ams AG AS8218 Datasheet HTML 3Page - ams AG AS8218 Datasheet HTML 4Page - ams AG AS8218 Datasheet HTML 5Page - ams AG AS8218 Datasheet HTML 6Page - ams AG AS8218 Datasheet HTML 7Page - ams AG AS8218 Datasheet HTML 8Page - ams AG AS8218 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 123 page
background image
Revision 3.0, 31-May-06
Page 1 of 123
1. Key Features
-
Precision single-phase, one or two current input
energy measurement front-end including Sigma-
Delta modulators for A/D-conversion and digital
signal processor (DSP).
-
Low current consumption of 5mA, depending on
MCU activity.
-
Digital phase correction and selectable gain on
both current channels for use with two current
transformers (CT) or one CT and one shunt.
-
Power-supply monitor (PSM) for power-on reset
and reset when the supply voltage falls below a
defined threshold.
-
Customer programmable 8-bit 8051 compatible
microcontroller (MCU).
-
Programmable MCU clock with optional low
power operating conditions.
-
2 x Universal Asynchronous Receiver /
Transmitters (UART) for external
communications such as programme download
and debugging.
-
Programmable watchdog timer (WDT) and
external system reset pin.
-
Real-time clock/calendar (RTC) with on-chip
digital calibration and separate battery supply
pin.
-
On-chip voltage reference (VREF) with small
temperature coefficient.
-
Low power 3.0 – 4.0MHz crystal oscillator.
-
SPI compatible interface for external EEPROM
memory.
-
Standard on-chip LCD driver (LCDD) interface.
-
Programmable multi-purpose I/Os (MPIO) with
selectable data direction, pull-up or pull-down
resistors and drive strength.
-
Mains current lead/lag status indication for
reactive energy measurement.
-
Low power battery operating mode for meter
reading when Mains voltage is not present.
-
The AS8218 and AS8228 ICs offer the following
options:
AS8218: 20 x 4 segment LCDD
9 x multi-purpose I/O (MPIO)
AS8228: 24 x 4 segment LCDD
12 x multi-purpose I/O (MPIO)
2. General Description
The AS8218 / AS8228 are highly integrated CMOS
single-phase energy metering devices for fully
electronic LCD meter systems. The AS8218 /
AS8228 have been designed to ensure the meters
full compliance with the international Standards
IEC62052 and ANSI.
The AS8218 / AS8228 ICs include all the functions
required for conventional 1 current or 2-current
anti-tamper meters. The functions include precision
energy measurement, an 8-bit microcontroller unit
(MCU), an on-chip Liquid Crystal Display driver
(LCDD), programmable multi-purpose
Inputs/Outputs (MPIO), a real time clock/calendar
(RTC) for complex tariff functions such as time-of-
use or maximum demand billing and a Serial
Peripheral Interface (SPI) for reading data from and
writing data to an external non-volatile memory
(EEPROM).
The AS8218 / AS8228 ICs have a dedicated energy
measurement front-end, which includes an analog
front-end and programmable Digital Signal
Processor (DSP) from which active energy, mains
voltage and mains current are provided. Reactive
and apparent energy can also be calculated.
The on-chip 8-bit 8051 compatible microcontroller
is freely programmable and provides user access to
the various functional blocks. The dedicated
Universal Asynchronous Receiver / Transmitter
(UART1) in the System Control block provides
access to various system functions and blocks. A
second UART (UART2) is also provided, which may
for example be used for debugging. The on-chip
memory includes 24kByte program memory and
1kByte data memory. The meter system designer
can select the size of the external EEPROM
memory from 1kByte to 32kByte (in binary steps).
AS8218 / AS8228
Highly Integrated Single Phase 2-Current Energy
Metering Integrated Circuits with Microcontroller, RTC,
Programmable Multi-Purpose I/Os and LCD Driver
DATA SHEET


Similar Part No. - AS8218

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8218 AMSCO-AS8218 Datasheet
37Kb / 2P
Highly Integrated Single Phase 2-Current Energy Metering Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os and LCD Driver
More results

Similar Description - AS8218

ManufacturerPart #DatasheetDescription
logo
Sames
PM9102AP SAMES-PM9102AP Datasheet
103Kb / 10P
SINGLE PHASE POWER/ENERGY METERING MODULE
PM9103AP SAMES-PM9103AP Datasheet
113Kb / 10P
SINGLE PHASE POWER/ENERGY METERING MODULE
logo
Analog Devices
ADE7757 AD-ADE7757 Datasheet
534Kb / 14P
Energy Metering IC with Integrated Oscillator
logo
RF Monolithics, Inc
TRC101 RFM-TRC101 Datasheet
505Kb / 33P
highly integrated single chip
logo
ams AG
AS8218 AMSCO-AS8218 Datasheet
37Kb / 2P
Highly Integrated Single Phase 2-Current Energy Metering Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os and LCD Driver
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
logo
Analog Devices
ADE7757 AD-ADE7757_15 Datasheet
218Kb / 16P
Energy Metering IC with Integrated Oscillator
REV. A
logo
Sames
PM9603AP SAMES-PM9603AP Datasheet
142Kb / 18P
SINGLE PHASE POWER/ENERGY METERING MODULE
SA9903B SAMES-SA9903B_17 Datasheet
530Kb / 17P
Single Phase Multifunction Energy Metering IC
logo
SINOWEALTH Electronic L...
SH79F642B SINOWEALTH-SH79F642B Datasheet
1Mb / 157P
Single-phase Energy Metering IC integrated LCD driver and enhanced 8051 Microcontroller
V2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com