Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 77 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 77 Page - ams AG

Back Button AS8218 Datasheet HTML 73Page - ams AG AS8218 Datasheet HTML 74Page - ams AG AS8218 Datasheet HTML 75Page - ams AG AS8218 Datasheet HTML 76Page - ams AG AS8218 Datasheet HTML 77Page - ams AG AS8218 Datasheet HTML 78Page - ams AG AS8218 Datasheet HTML 79Page - ams AG AS8218 Datasheet HTML 80Page - ams AG AS8218 Datasheet HTML 81Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 77 of 123
8.6
8051 Microcontroller (MCU)
The MCU is a derivative of the well-known 8051 microcontroller. The MCU block consists of an 8051
compatible microprocessor core, program memory (P_RAM), data memory (X_RAM), squareroot calculation
unit and two UARTs for debugging and communication purposes. The Special Function Registers (SFR) section
enfolds the standard blocks like the 16 bit timer (Timer 0), 128 bytes of internal data memory (I_RAM) and a
serial interface (UART1). Furthermore, a squareroot block and a second serial interface (UART2) are also
provided.
Timer 1, Port 0 to 3 and the UART are not implemented exactly the same as in the original 8051. Instead, the
bus extension (Port 0, 2 on single chip 8051) provides access to on-chip periphery, which comprises a serial
peripheral interface (SPI), a real time clock (RTC), nine general purpose I/Os (MPIO), the LCD driver (LCDD),
the DSP block that interfaces to the analog front end and system control registers (SCT). The MCU block is
configured as Von Neumann architecture with the program memory (P_RAM) section staring from 0000h and
the data memory (X_RAM) and periphery section starting from 8000h up to FFFFh. All 64kB of memory can be
accessed with both, the MOVC instruction (for program fetches and data read) and the MOVX instruction (for
data read/store). The interrupt controller enfolds 7 internal interrupt sources, for having all necessary
peripherals already on chip.
MCU
Inter n al
Inter r u p t So ur ce s
Interrupt
Control
CPU
Clock
Divider
128 bytes
I_RAM
Timer 0
24kB
P_RAM
SQRT
UART2
1kB
X_RAM
UART1
Mclk
RXD
TXD
Boot
Load
LCDD
RTC
SCT
MPIO
DSP
I/Os
SPI
AFE
Serial
EEPROM
LC
Display
rxd2
txd2
Figure 21: MCU block diagram
Legend
CPU ................ 8051 compatible microcontroller core
I_RAM ............. 128 bytes static RAM, range 00h to 7Fh of 8051
X_RAM ............ 1024 bytes static RAM, (extended) memory for data storage
P_RAM ............ 24kB static RAM, primarily for program storage, maybe used also for data
Timer 0............ 16 bit timer (due to 8051 standard)
UART1 ............ serial interface RS232 (due to 8051 standard) with extended baudrate generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com