Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 4 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 4 Page - ams AG

  AS8218 Datasheet HTML 1Page - ams AG AS8218 Datasheet HTML 2Page - ams AG AS8218 Datasheet HTML 3Page - ams AG AS8218 Datasheet HTML 4Page - ams AG AS8218 Datasheet HTML 5Page - ams AG AS8218 Datasheet HTML 6Page - ams AG AS8218 Datasheet HTML 7Page - ams AG AS8218 Datasheet HTML 8Page - ams AG AS8218 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 4 of 123
4. Pin Out
VP
VN
I1P
I1N
I2P
I2N
VDDA
VSSA
IO0
IO1
IO2
IO3
IO5
1
2
3
4
5
6
7
8
9
10
11
12
13
XOUT
RES_N
LBP0
LBP1
LBP2
LBP3
LSD0
LSD1
LSD2
LSD3
LSD4
LSD5
LSD6
AS8228
LQFP64
14
15
16
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
VDDD
VSSD
LSD7
IO4
n.c.
n.c.
VP
VN
I1P
I1N
I2P
I2N
VDDA
VSSA
IO0
IO1
IO2
IO3
IO5
1
2
3
4
5
6
7
8
9
10
11
12
13
XOUT
RES_N
LBP0
LBP1
LBP2
LBP3
LSD0
LSD1
LSD2
LSD3
LSD4
LSD5
LSD6
AS8218
LQFP64
14
15
16
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
VDDD
VSSD
LSD7
IO4
n.c.
n.c.
5. Pin Description
Pin No.
Pin Name
AS8218
Pin Name
AS8228
Type
Description
1
VP
VP
AI
Positive input for the voltage channel. VP is a differential input with VN.
The typical differential voltage is
±100mV peak.
2
VN
VN
AI
Negative input for the voltage channel. VN is a differential input with VP.
3
I1P
I1P
AI
Positive input for the first current channel. I1P is a differential input with
I1N. The input gain is programmable depending on the desired current
sensor. The typical differential voltage is
±150mV peak (Gain = 4).
4
I1N
I1N
AI
Negative input for the first current channel. I1N is a differential input with
I1P. The input gain is programmable depending on the desired current
sensor. The typical differential voltage is
±150mV peak (Gain = 4).
5
I2P
I2P
AI
Positive input for the second current channel. I2P is a differential input
with I2N. The input gain is programmable depending on the desired
current sensor. The typical differential voltage is
±150mV peak
(Gain = 4).
6
I2N
I2N
AI
Negative input for the second current channel. I2N is a differential input
with I2P. The input gain is programmable depending on the desired
current sensor. The typical differential voltage is
±150mV peak
(Gain = 4).
7
VDDA
VDDA
S
Positive analog supply. VDDA provides the positive supply voltage for
the analog circuitry. The required supply voltage is 3.3V
±10%.
8
VSSA
VSSA
S
Negative analog supply. VSSA is the ground reference for the analog
circuitry.
9
IO0
IO0
DIO
Programmable multi-purpose input/output, with selectable pull-up or
pull-down resistors and selectable drive strength.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com