Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 2 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 2 Page - ams AG

  AS8218 Datasheet HTML 1Page - ams AG AS8218 Datasheet HTML 2Page - ams AG AS8218 Datasheet HTML 3Page - ams AG AS8218 Datasheet HTML 4Page - ams AG AS8218 Datasheet HTML 5Page - ams AG AS8218 Datasheet HTML 6Page - ams AG AS8218 Datasheet HTML 7Page - ams AG AS8218 Datasheet HTML 8Page - ams AG AS8218 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 2 of 123
An on-chip programmable watchdog timer (WDT) is
available to automatically initiate a system reset if
a regular ‘hold-off’ signal is not detected.
The system timing and real time clock (RTC) has a
dedicated external battery supply pin (VDD_BAT),
enabling the oscillator and RTC to continue during
‘power-down’. The RTC may be digitally calibrated
for oscillator frequency accuracy.
The LCD Driver (LCDD) block enables the display
of information provided by the microcontroller,
directly to the LCD. Two dedicated data register
banks are provided to simplify programming,
particularly in the case where the display data
needs to be scrolled.
The programmable multi-purpose I/O pins (MPIO)
may be independently configured as inputs or
outputs. All the I/O pins are programmable for data
direction, pull-up/pull-down resistors and drive
strength (4mA/8mA). Typical functions may include
LED energy consumption pulse output, energy
direction and fault condition indication depending
on current 1 or current 2 being active for the
energy calculation, push button for display
scrolling, mains isolation relay control for
prepayment meters, optical interface etc.
An on-chip analog ground buffer (ABUF) and
voltage reference (VREF) ensures that no external
circuitry is required. A power-supply monitor (PSM)
provides a reset, when VDD falls below a safe
operating threshold.
A reset pin (RES_N) is available for external
system reset.
The AS8218 / AS8228 ICs are available in LQFP64
plastic packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com