Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 48 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 48 Page - ams AG

Back Button AS8218 Datasheet HTML 44Page - ams AG AS8218 Datasheet HTML 45Page - ams AG AS8218 Datasheet HTML 46Page - ams AG AS8218 Datasheet HTML 47Page - ams AG AS8218 Datasheet HTML 48Page - ams AG AS8218 Datasheet HTML 49Page - ams AG AS8218 Datasheet HTML 50Page - ams AG AS8218 Datasheet HTML 51Page - ams AG AS8218 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 48 of 123
8.2
LCD Driver (LCDD)
LCD
Drive
Voltage
Level
Generation
VREG
LBP0
LBP1
LBP2
LBP3
LSD0
LSD23
selvlcd
VDD
VSS
MCU
LCDD
Control
Data
Register1
Data
Register2
lcdd_pd
Figure 6:
LCD driver block diagram
The on-chip LCD driver (LCDD) is a peripheral block, which interfaces to almost any liquid crystal display
(LCD) having a multiplex rate of 4. It generates the drive signals to directly drive multiplexed LCDs containing
up to four backplanes and up to 24 segments per backplane. The AS8218 has a 20 x 4 LCDD, while the
AS8228 has a 24 x 4 LCDD.
The data registers receive and store the display information, which is to be sent to the display. The LCDD
control block decodes the information into the select lines for the single segments using a specific timing.
The LCD voltage can be selected to adjust the contrast of the display, as required. The selvlcd[2:0] register
bits enable the setting of the LCD contrast by selecting one of the defined LCD voltage levels. The contrast can
be improved with a higher voltage, however the contrast is also dependent upon the crystal frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com