Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 64 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 64 Page - ams AG

Back Button AS8218 Datasheet HTML 60Page - ams AG AS8218 Datasheet HTML 61Page - ams AG AS8218 Datasheet HTML 62Page - ams AG AS8218 Datasheet HTML 63Page - ams AG AS8218 Datasheet HTML 64Page - ams AG AS8218 Datasheet HTML 65Page - ams AG AS8218 Datasheet HTML 66Page - ams AG AS8218 Datasheet HTML 67Page - ams AG AS8218 Datasheet HTML 68Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 64 of 123
8.4
Serial Peripheral Interface (SPI)
The Serial Peripheral Interface (SPI) represents a synchronous, bit serial 4-wire interface for full-duplex data
transfer. It’s primarily used here to communicate with an external EEPROM memory, which must fulfil the
requirements described below. The EEPROM is selectable in size from 1kByte to 32kByte in binary steps.
The SPI always operates in master mode, whereas the EEPROM works in slave mode. The bootloader controls
the SPI during system start up. After that it is available to the MCU for free programming.
SPI Signals
Name
Type
Description
SI
Input
Serial input from slave device
SO
Output
Serial output to slave
SC
Output
Clock output to slave device
S_N
Output
Chip select output to slave device (low active)
SPI
Master
EEPROM
S_N
SI
SO
SC
EEP_S_N
EEP_WP_N
EEP_HOLD_N
EEP_SO
EEP_SI
EEP_SC
AS8218/
AS8228
3.3V
Figure 9:
Typical SPI connection to an EEPROM
Many EEPROMs provide a HOLD_N (hold protocol) pin and a WP_N pin (write protect), which must be held ‘1’,
otherwise the operation is blocked.
During startup phase, the bootloader takes control over the SPI and generates the read out sequence
automatically.
Key Features
-
Standard 4 wire synchronous serial interface (SI, SO, SC, S_N)
-
Master mode operation only
-
8-bit word length (variable transmit/receive word optional)
-
Shift clock SC high when idle
-
MSB is always transmitted first
-
Four selectable clocking schemes (clock idle state / clock phase)
-
Selectable SPI clock rate divider (from mcu_clk/2 to mcu_clk/65536)
-
Three maskable interrupts (transmission complete, overrun, collision)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com