Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 32 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 32 Page - ams AG

Back Button AS8218 Datasheet HTML 28Page - ams AG AS8218 Datasheet HTML 29Page - ams AG AS8218 Datasheet HTML 30Page - ams AG AS8218 Datasheet HTML 31Page - ams AG AS8218 Datasheet HTML 32Page - ams AG AS8218 Datasheet HTML 33Page - ams AG AS8218 Datasheet HTML 34Page - ams AG AS8218 Datasheet HTML 35Page - ams AG AS8218 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 32 of 123
The following table shows the data which is available in the MDR:
Register Name
Address
Reset Value
Description
samptoend[7:0]
9300h
FFh
samptoend[15:8]
9301h
FFh
Indicates how many samples are left (until nsamp), before the next
interrupt is generated. Using this information the MCU can
determine if it still has time to transfer the MDR data to the MCU
memory.
np[7:0]
9302h
00h
np[15:8]
9303h
00h
np[23:16]
9304h
00h
np[31:24]
9305h
00h
number of fast pulses, equivalent to energy information
accumulated during nsamp samples
sos_v[7:0]
9306h
00h
sos_v[15:8]
9307h
00h
sos_v[23:16]
9308h
00h
sos_v[31:24]
9309h
00h
sos_v[35:32]
930Ah
00h
sum of squares of voltage channel samples
sos_i1[7:0]
930Bh
00h
sos_i1[15:8]
930Ch
00h
sos_i1[23:16]
930Dh
00h
sos_i1[31:24]
930Eh
00h
sos_i1[39:32]
930Fh
00h
sos_i1[47:40]
9310h
00h
sos_i1[53:48]
9311h
00h
sum of squares of current channel 1 samples
sos_i2[7:0]
9312h
00h
sos_i2[15:8]
9313h
00h
sos_i2[23:16]
9314h
00h
sos_i2[31:24]
9315h
00h
sos_i2[39:32]
9316h
00h
sos_i2[47:40]
9317h
00h
sos_i2[53:48]
9318h
00h
sum of squares of current channel 2 samples
Notes:
1) MDR is read-only for MCU. (except for ‘MCU debug mode’, then you can set the register values as
described.)
2) Unused addresses will simply be ignored.
The following flowchart describes how accumulators and registers work together:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com