Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 11 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 11 Page - ams AG

Back Button AS8218 Datasheet HTML 7Page - ams AG AS8218 Datasheet HTML 8Page - ams AG AS8218 Datasheet HTML 9Page - ams AG AS8218 Datasheet HTML 10Page - ams AG AS8218 Datasheet HTML 11Page - ams AG AS8218 Datasheet HTML 12Page - ams AG AS8218 Datasheet HTML 13Page - ams AG AS8218 Datasheet HTML 14Page - ams AG AS8218 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 11 of 123
Parameter
Symbol
Min
Typ
Max
Unit
Notes
High level output current
IOH
8
mA
If ‘8mA’ is selected. Tested at
VDD=3.0V and Vout=VOH
Low level output current
IOL
-8
mA
If ‘8mA’ is selected. Tested at
VDD=3.0V and Vout=VOL
LCDD Outputs
The Liquid Crystal display driver (LCDD) outputs are specified in the LCD Driver section of this data sheet.
6.4
Electrical System Specification
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Input Signals
Voltage channel input voltage
|VVP|
100
212
mVp
Referenced to VSSA
Current channel input voltage
(Gain=4)
|VI1P|, |VI2P|
150
212
mVp
Referenced to VSSA
Current channel input voltage
(Gain=16)
|VI1P|, |VI2P|
38
54
mVp
Referenced to VSSA
Current channel input voltage
(Gain=20)
|VI1P|, |VI2P|
30
42
mVp
Referenced to VSSA
Mains frequency
fmains
45
65
Hz
Dynamic range current
DR(I)
600:1
Dynamic range power
DR(P)
2000:1
Accuracy
0.1
%
Reading
Error variation over dyn. range
err(dr)
0.2
%
1)
Error variation over temperature
err(temp)
0.5
%
Within operating
temperature range, 1)
Error variation over cos(phi)
err(cosphi)
0.5
%
From 1 to 0.5, 1)
Error variation with VDD
err(VDD)
0.2
%
1)
Output pulse jitter
J
0.1
%
2)
Mains voltage
Vmains
264
V(rms)
240V + 10%, 3)
Measured current
Imax
120
A(rms)
3)
Measurement bandwidth
BW
1.75
kHz
Notes:
1) Errors determined during energy measurement using a demoboard and a reference meter with high
accuracy (0.05%), which calculates the actual error.
2) Difference between largest and smallest error of 20 successive error samples; maximum meter constant:
1,600i/kWh; reference meter: 10,000 x DUT-meter-constant; measured at 5% Ib, Ib and Imax.
3) What is used for system considerations/calculations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com