Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 62 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 62 Page - ams AG

Back Button AS8218 Datasheet HTML 58Page - ams AG AS8218 Datasheet HTML 59Page - ams AG AS8218 Datasheet HTML 60Page - ams AG AS8218 Datasheet HTML 61Page - ams AG AS8218 Datasheet HTML 62Page - ams AG AS8218 Datasheet HTML 63Page - ams AG AS8218 Datasheet HTML 64Page - ams AG AS8218 Datasheet HTML 65Page - ams AG AS8218 Datasheet HTML 66Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 62 of 123
Timing:
COUNT
led
Gate
refp
counted refp
CINT
Notes:
1) The COUNT signal is synchronized with ‘led’.
2) COUNT is reset and CINT is set using clk and checking for falling edge on Gate.
3) The PCNT register is only updated when counting is finished.
Example:
Select IO3 as the pulse reference input.
Meter is 220Vmains; Imax = 20A
Meter constant: 1,600imp/kWh
Reference meter constant: 16 million imp/kWh
Register settings:
MPIO
SET_EN0
(9505h):
IO3 bit = 0 (output disabled)
SEL_IN_REFP
(950Ch):
02h
DSP
mconst
(9330h):
07h
(Ideal) Pulse_lev (932Ch – 932Ah) =
A
20
A
40
V
220
V
230
950
,
570
×
×
= 1,193,804
⇒ 12374Ch
⇒ 932Ah: 4Ch
932Bh: 37h
932Ch: 12h
Procedure:
Status1 (951Fh): 80h
→ starts pulse counting.
When pulse counting is completed
→ CINT bit in Status1 = 1.
The status of the CINT bit in Status1 may be checked to confirm that the pulse counting is complete.
Alternatively, the time between 2 pulses may be calculated to determine the count cycle time (the first pulse is
used for synchronization and the second pulse starts the count cycle).
Following the pulse counting cycle, the number of pulses counted can be read from PCNT0/PCNT1/PCNT2
(951Bh/951Ch/951Dh).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com