Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 111 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 111 Page - ams AG

Back Button AS8218 Datasheet HTML 107Page - ams AG AS8218 Datasheet HTML 108Page - ams AG AS8218 Datasheet HTML 109Page - ams AG AS8218 Datasheet HTML 110Page - ams AG AS8218 Datasheet HTML 111Page - ams AG AS8218 Datasheet HTML 112Page - ams AG AS8218 Datasheet HTML 113Page - ams AG AS8218 Datasheet HTML 114Page - ams AG AS8218 Datasheet HTML 115Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 111 of 123
begin of the stop bit the internal signal
EndOfTransmission is activated, causing flag SCON.TI going to high and
thus indicating the end of the transmission.
ReceiveShiftEnable
RxD
RB8
RI
StartReception
Receiving
EndOfReception
ReceiveShiftRegister
ReceiveSBUF
Start
Bit
0
0
1
1
0
1
1
1
1
Stop Bit
011111111
001111111
100111111
110011111
011001111
101100111
110110011
111011001
111101100
F6
00
Figure 30: Receiving in mode 1 and mode 2: Here the bit stream ‘0’+’01101111’ is received (see signal
ReceivedDataBit), that is:
start bit + F6h. The start bit is the first 0-pulse of signal
RxD, that is when signal ReceivingStartbit is active.
Receiving is only possible when SCON.REN = ‘1’. The process of receiving is started with a falling edge on
RxD
(internal signal
StartReceiption is activated) and controlled by a 4-bit counter, that means a bit time is divided into
16 time slices. The counter is reset when identifying a falling edge on
RxD and is consequently synchronized.
The value of
RxD is probed three times at the counter stage 6, 7, and 8 (counter range is from 0 to 15). The
final value (
ReceivedData-Bit) is determined by majority. The multiple probing ensures a more robust serial
connection.
At counter = 9 the received bit is transferred into the shift register (
ReceiveShiftRegister). If the first received bit
(stop bit) is not ‘0’, then the process is aborted and the UART1 waits for the next falling edge on
RxD. Due to
this procedure all data packets with an invalid start bit are automatically discarded.
When receiving the stop bit (
EndOfReceiption = ‘1’) the following condition is checked:
SCON.RI=’0’ and (SCON.SM2=’0’ or Received_Stop_Bit=’1’)
If this condition is true, then all eight data bits are transferred to
ReceiveSBUF, the stop bit is written to
SCON.RB8, and SCON.RI is set to ‘1’. Otherwise all the received data is discarded and the receiver waits for
the next falling edge on
RxD.
Mode 2 and 3
9 bit UART1 with variable baudrate controlled by the baudrate generator.
Mode 2 is very similar to mode 1 except that nine data bits are processed. The subsequent text deals only the
differences to mode 1. Mode 3 is the same as Mode 2.
The ninth data bit during transmission is taken from SCON.TB8 and is sent after the eight bits from SBUF.
When receiving the ninth data bit (
EndOfReceiption = ‘1’) the following condition is checked:
SCON.RI=’0’ and (SCON.SM2=’0’ or Ninth_Data_Bit=’1’)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com