Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9620 Datasheet HTML 1Page - NXP Semiconductors PCA9620 Datasheet HTML 2Page - NXP Semiconductors PCA9620 Datasheet HTML 3Page - NXP Semiconductors PCA9620 Datasheet HTML 4Page - NXP Semiconductors PCA9620 Datasheet HTML 5Page - NXP Semiconductors PCA9620 Datasheet HTML 6Page - NXP Semiconductors PCA9620 Datasheet HTML 7Page - NXP Semiconductors PCA9620 Datasheet HTML 8Page - NXP Semiconductors PCA9620 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
2 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
3.
Ordering information
4.
Marking
5.
Block diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCA9620H
LQFP80
plastic low profile quad flat package; 80 leads;
body 12
× 12 × 1.4 mm
SOT315-1
Table 2.
Marking codes
Type number
Marking code
PCA9620H
PCA9620H/Q900
(1) The charge pump can generate a maximum output voltage of 3
× V
DD2.
Fig 1.
Block diagram of PCA9620
013aaa246
LCD
VOLTAGE
SELECTOR
CLOCK SELECT
AND TIMING
OSCILLATOR
INPUT
FILTERS
POWER-ON
RESET
CLK
SCL
SDA
A0
BACKPLANE
OUTPUTS
DISPLAY
CONTROL
BP0 to BP7
DISPLAY SEGMENT OUTPUTS
DISPLAY REGISTER
OUTPUT BANK SELECT
60
S0 to S59
PCA9620
LCD BIAS
GENERATOR
VSS
VLCD
COMMAND
DECODER
WRITE DATA
CONTROL
A1
VDD1
VDD2
CHARGE
PUMP(1)
(VOLTAGE
MULTIPLIER)
T1 T2
TEMPERATURE
SENSOR
T3
I2C-BUS
CONTROLLER
DATA POINTER,
AUTO INCREMENT
DISPLAY RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com