Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 32Page - NXP Semiconductors PCA9620 Datasheet HTML 33Page - NXP Semiconductors PCA9620 Datasheet HTML 34Page - NXP Semiconductors PCA9620 Datasheet HTML 35Page - NXP Semiconductors PCA9620 Datasheet HTML 36Page - NXP Semiconductors PCA9620 Datasheet HTML 37Page - NXP Semiconductors PCA9620 Datasheet HTML 38Page - NXP Semiconductors PCA9620 Datasheet HTML 39Page - NXP Semiconductors PCA9620 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
36 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
This delay may cause undesired effects at start-up when the environment temperature
may be different than the reset value of the PCA9620 which is 20 °C. In this case it takes
up to 30 s till the correct measured temperature value will be available. A control bit, TFE,
is implemented to enable or disable the digital temperature filter. This bit is set logic 0 by
default which means that the filter is disabled and the unfiltered environment temperature
value is available to calculate the desired VLCD.
7.4.8 Temperature compensation of VLCD
Due to the temperature dependency of the liquid crystal viscosity the LCD controlling
voltage VLCD might have to be adjusted at different temperatures to maintain optimal
contrast. The temperature behavior of the liquid comes from the LCD manufacturer. The
slope has to be set to compensate for the liquid behavior. Internal temperature
compensation may be enabled via bit TCE.
The ambient temperature range is split up into four equally sized regions and a different
temperature coefficient can be applied to each (see Figure 29). Each coefficient can be
selected from a choice of eight different slopes. Each one of these coefficients (see
Table 29) may be independently selected via the temp-comp-SLA to temp-comp-SLD
commands (see Table 4 on page 5).
(1) Environment temperature, T1 (
°C).
(2) Measured temperature, T2 (
°C).
(3) Temperature deviation,
ΔT=T2 − T1.
Fig 28. Temperature measurement delay
t (s)
0
160
120
80
40
001aal393
20
30
10
40
50
T
(
°C)
0
(3)
(1)
(2)
4
8
0
12
16
ΔT
(
°C)(3)
−4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com