Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 52Page - NXP Semiconductors PCA9620 Datasheet HTML 53Page - NXP Semiconductors PCA9620 Datasheet HTML 54Page - NXP Semiconductors PCA9620 Datasheet HTML 55Page - NXP Semiconductors PCA9620 Datasheet HTML 56Page - NXP Semiconductors PCA9620 Datasheet HTML 57Page - NXP Semiconductors PCA9620 Datasheet HTML 58Page - NXP Semiconductors PCA9620 Datasheet HTML 59Page - NXP Semiconductors PCA9620 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
56 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
[1]
When supplying external VLCD it must be VLCD ≥ VDD2. Also when using the internal charge pump to generate a certain VLCD, VPR[7:0]
must be set to a value that the voltage is higher than VDD2 (see Section 7.4.3 on page 31).
[2]
Calibrated at testing stage with VDD1 = VDD2 = 5.0 V. VLCD temperature compensation is disabled.
[3]
Display is disabled; I2C-bus inactive; temperature measurement disabled.
[4]
The typical value is defined at VDD1 =VDD2 = 5.0 V, VLCD = 7.0 V and 30 °C.
[5]
Temperature measurement enabled; 1:8 multiplex drive mode; 1
⁄
4 bias; display enabled; LCD outputs are open circuit; RAM is all written
with logic 1; inputs at VSS or VDD; internal clock with the default prescale factor; I2C-bus inactive.
[6]
VDD2 = 5.0 V; charge pump set to 2 × VDD2; VPR[7:0] set for VLCD = 7.0 V; 1:8 multiplex drive mode; 1⁄4 bias; temperature measurement
enabled; display enabled; LCD outputs are open circuit; RAM is all written with logic 1; inputs at VSS or VDD; external clock with 50 %
duty factor; I2C-bus inactive.
[7]
External supplied VLCD = 7.0 V; 1:8 multiplex drive mode; 1⁄4 bias; temperature measurement enabled; display enabled; LCD outputs
are open circuit; RAM is all written with logic 1; inputs at VSS or VDD; external clock with 50 % duty factor; I2C-bus inactive.
[8]
VDD2 = 5.0 V; charge pump set to 2 × VDD2; VPR[7:0] set for VLCD = 9.0 V; display disabled; CPF (see Table 22 on page 11) set logic 0.
[9]
VDD2 = 4.0 V; charge pump set to 3 × VDD2; VPR[7:0] set for VLCD = 9.0 V; display disabled; CPF (see Table 22 on page 11) set logic 0.
[10] If VDD1 > VPOR then no reset occurs.
[11] In case of an ESD event, the value may increase slightly.
[12] Variation between any 2 backplanes on a given voltage level; static measured.
[13] Variation between any 2 segments on a given voltage level; static measured.
[14] Outputs measured one at a time.
I2C-bus; pins SDA and SCL
VI
input voltage
VSS − 0.5 -
5.5
V
VIL
LOW-level input voltage
pins SCL, SDA
-
-
0.3VDD
V
VIH
HIGH-level input voltage
pins SCL, SDA
0.7VDD
--
V
VO
output voltage
pins SCL, SDA
−0.5
-
5.5
V
IOL
LOW-level output current
VOL = 0.4 V; VDD = 5 V; on pin SDA
3
-
-
mA
IL
leakage current
VI =VDD or VSS
[11] -0
-
μA
LCD outputs
ΔV
O
output voltage variation
on pins BP0 to BP7
[12]
−15
-
+15
mV
on pins S0 to S59
[13]
−15
-
+15
mV
RO
output resistance
VLCD = 7 V; on pins BP0 to BP7
[14] 0.3
0.8
1.5
k
Ω
VLCD = 7 V; on pins S0 to S59
[14] 0.6
1.5
3
k
Ω
Table 35.
Static characteristics …continued
VDD1 = 2.5 V to 5.5 V; VDD2 = 2.5 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 9.0 V; Tamb = −40 °C to +105 °C; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com