Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 51Page - NXP Semiconductors PCA9620 Datasheet HTML 52Page - NXP Semiconductors PCA9620 Datasheet HTML 53Page - NXP Semiconductors PCA9620 Datasheet HTML 54Page - NXP Semiconductors PCA9620 Datasheet HTML 55Page - NXP Semiconductors PCA9620 Datasheet HTML 56Page - NXP Semiconductors PCA9620 Datasheet HTML 57Page - NXP Semiconductors PCA9620 Datasheet HTML 58Page - NXP Semiconductors PCA9620 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
55 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
11. Static characteristics
Table 35.
Static characteristics
VDD1 = 2.5 V to 5.5 V; VDD2 = 2.5 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 9.0 V; Tamb = −40 °C to +105 °C; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD1
supply voltage 1
2.5
-
5.5
V
VDD2
supply voltage 2
VDD2 ≥ VDD1
2.5
-
5.5
V
VLCD
LCD supply voltage
VLCD ≥ VDD2
[1] 2.5
-
9.0
V
ΔV
LCD
LCD voltage variation
VLCD = 5.0 V to 9.0 V
[2]
Tamb = −40 °C to −10 °C
−100
-
+100
mV
Tamb = −10 °C to +70 °C
−70
-
+70
mV
Tamb = +70 °C to +105 °C
−100
-
+100
mV
IDD(pd)
power-down mode supply
current
on pin VDD1
[3][4] -1.0
3.0
μA
IDD1
supply current 1
[4][5] -100
200
μA
IDD2
supply current 2
fosc = 9.6 kHz
charge pump off; external VLCD
[4][5] -0.5
3.0
μA
charge pump on; internal VLCD
[4][6] -250
550
μA
IDD(LCD)
LCD supply current
external VLCD
[4][7] -125
250
μA
ILCD(pd)
power-down LCD current
external VLCD
[3][4] -12
35
μA
RO
output resistance
of charge pump (driving capabilities)
charge pump set to 2
× V
DD2;
Iload = 3 mA (on pin VLCD)
[8] 0.2
0.85
1.6
k
Ω
charge pump set to 3
× V
DD2;
Iload = 2 mA (on pin VLCD)
[9] 2.0
3.2
4.5
k
Ω
Tacc
temperature accuracy
readout temperature error;
VDD1 =5.0 V
Tamb = −40 °C to +105 °C
−6-
+6
°C
Tamb =27 °C
−4-
+4
°C
Logic
VI
input voltage
VSS − 0.5 -
VDD + 0.5 V
VIL
LOW-level input voltage
on pins CLK, A1, A0
-
-
0.3VDD
V
VIH
HIGH-level input voltage
on pins CLK, A1, A0
0.7VDD
--
V
VO
output voltage
−0.5
-
VDD + 0.5 V
VOH
HIGH-level output voltage on pin CLK
0.8VDD
--
V
VOL
LOW-level output voltage
on pin CLK
-
-
0.2VDD
V
IOH
HIGH-level output current
output source current;
VOH =4.6 V; VDD = 5 V; on pin CLK
1-
-
mA
IOL
LOW-level output current
output sink current;
VOL = 0.4 V; VDD = 5 V; on pin CLK
1-
-
mA
VPOR
power-on reset voltage
[10] --
1.6
V
IL
leakage current
Vi =VDD or VSS; on pins CLK, A1,
A0, T1, T2, T3
[11] -0
-
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com