Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 55Page - NXP Semiconductors PCA9620 Datasheet HTML 56Page - NXP Semiconductors PCA9620 Datasheet HTML 57Page - NXP Semiconductors PCA9620 Datasheet HTML 58Page - NXP Semiconductors PCA9620 Datasheet HTML 59Page - NXP Semiconductors PCA9620 Datasheet HTML 60Page - NXP Semiconductors PCA9620 Datasheet HTML 61Page - NXP Semiconductors PCA9620 Datasheet HTML 62Page - NXP Semiconductors PCA9620 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
59 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
12. Dynamic characteristics
[1]
Internal calibration made with OTP so that the maximum variation is
±15 % over whole temperature and voltage range. The typical f
osc
generates a typical frame frequency of 200 Hz when the default frequency division factor is used (see Section 7.5.3 on page 39).
[2]
The typical value is defined at VDD1 =VDD2 = 5.0 V and 30 °C.
[3]
All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to VIL and VIH with an
input voltage swing of VSS to VDD.
[4]
tVD;DAT = minimum time for valid SDA output following SCL LOW.
[5]
tVD;ACK = time for acknowledgement signal from SCL LOW to SDA output LOW.
Table 36.
Dynamic characteristics
VDD1 = 2.5 V to 5.5 V; VDD2 = 2.5 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 9.0 V; Tamb = −40 °C to +105 °C; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fosc
oscillator frequency
on pin CLK; see Table 17 on
page 9
[1][2] 8160
9600
11040
Hz
fclk(ext)
external clock frequency
450
-
14500
Hz
tclk(H)
HIGH-level clock time
external clock source used
33
-
-
μs
tclk(L)
LOW-level clock time
33
-
-
μs
Timing characteristics: I2C-bus[3]
fSCL
SCL frequency
-
-
400
kHz
tBUF
bus free time between a
STOP and START condition
1.3
-
-
μs
tHD;STA
hold time (repeated) START
condition
0.6
-
-
μs
tSU;STA
set-up time for a repeated
START condition
0.6
-
-
μs
tVD;DAT
data valid time
[4] --0.9
μs
tVD;ACK
data valid acknowledge time
[5] --0.9
μs
tLOW
LOW period of the SCL clock
1.3
-
-
μs
tHIGH
HIGH period of the SCL clock
0.6
-
-
μs
tf
fall time
of both SDA and SCL signals
-
-
0.3
μs
tr
rise time
of both SDA and SCL signals
-
-
0.3
μs
Cb
capacitive load for each bus
line
-
-
400
pF
tSU;DAT
data set-up time
100
-
-
ns
tHD;DAT
data hold time
0
-
-
ns
tSU;STO
set-up time for STOP
condition
0.6
-
-
μs
tw(spike)
spike pulse width
-
-
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com