Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 36Page - NXP Semiconductors PCA9620 Datasheet HTML 37Page - NXP Semiconductors PCA9620 Datasheet HTML 38Page - NXP Semiconductors PCA9620 Datasheet HTML 39Page - NXP Semiconductors PCA9620 Datasheet HTML 40Page - NXP Semiconductors PCA9620 Datasheet HTML 41Page - NXP Semiconductors PCA9620 Datasheet HTML 42Page - NXP Semiconductors PCA9620 Datasheet HTML 43Page - NXP Semiconductors PCA9620 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
40 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
7.7 Segment outputs
The LCD drive section includes 60 segment outputs (S0 to S59) which must be connected
directly to the LCD. The segment output signals are generated based on the multiplexed
backplane signals and with data resident in the display register. When less than
60 segment outputs are required, the unused segment outputs must be left open-circuit.
7.8 Display register
The display register holds the display data while the corresponding multiplex signals are
generated.
7.9 Display RAM
The display RAM is a static 60
× 8-bit RAM which stores LCD data. Logic 1 in the RAM bit
map indicates the on-state of the corresponding LCD element; similarly, logic 0 indicates
the off-state.
There is a one-to-one correspondence between
• the bits in the RAM bitmap and the LCD elements
• the RAM columns and the segment outputs
• the RAM rows and the backplane outputs.
The display RAM bit map, Figure 30, shows row 0 to row 7 which correspond with the
backplane outputs BP0 to BP7, and column 0 to column 59 which correspond with the
segment outputs S0 to S59. In multiplexed LCD applications the data of each row of the
display RAM is time-multiplexed with the corresponding backplane (row 0 with BP0, row 1
with BP1 and so on).
When display data is transmitted to the PCA9620 the display bytes received are stored in
the display RAM in accordance with the selected LCD multiplex drive mode. The data is
stored as it arrives and does not wait for the acknowledge cycle as with the commands.
Depending on the current multiplex drive mode, data is stored singularly, in pairs,
quadruples, sextuples or bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com