Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 11Page - NXP Semiconductors PCA9620 Datasheet HTML 12Page - NXP Semiconductors PCA9620 Datasheet HTML 13Page - NXP Semiconductors PCA9620 Datasheet HTML 14Page - NXP Semiconductors PCA9620 Datasheet HTML 15Page - NXP Semiconductors PCA9620 Datasheet HTML 16Page - NXP Semiconductors PCA9620 Datasheet HTML 17Page - NXP Semiconductors PCA9620 Datasheet HTML 18Page - NXP Semiconductors PCA9620 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
15 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
9. Temperature filter is disabled.
10. The internal VLCD voltage generation is disabled. The charge pump is switched off.
11. The VLCD temperature compensation is enabled.
12. The display is disabled.
Remark: Do not transfer data on the I2C-bus for at least 1 ms after a power-on to allow
the reset action to complete.
The first command sent to the device after the power-on event must be the initialize
command (see Section 7.1.1 on page 5).
After Power-On Reset (POR) and before enabling the display, the RAM content should be
brought to a defined status
• by clearing it (setting it all logic 0) or
• by writing meaningful content (e.g. a graphic)
otherwise unwanted display artifacts may appear on the display.
Table 25.
Reset states
Bits labeled - are undefined at power-on.
Command name
Bits
7
6
5
4
3
2
1
0
initialize
0
0
1
1
1
0
1
0
OTP-refresh
1
101
00
00
oscillator-ctrl
1
100
11
00
charge-pump-ctrl
1
100
00
00
temp-msr-ctrl
1
1
0
0
1
0
1
1
temp-comp-SLA
0
001
10
00
temp-comp-SLB
0
010
00
00
temp-comp-SLC
0
010
10
00
temp-comp-SLD
0
011
00
00
set-VPR-MSB
0
100
00
00
set-VPR-LSB
0
101
00
00
display-enable
0
0
1
1
1
0
0
0
set-MUX-mode
0
000
00
00
set-bias-mode
1
100
01
00
load-data-pointer
1
0
0
0
0
0
0
0
frame-frequency
0
1
1
0
1
1
1
0
input-bank-select
0
000
10
00
output-bank-select
0
0
0
1
0
0
0
0
write-RAM-data
-
---
--
--
temp-read
0
100
00
00
invmode_CPF_ctrl
1
101
01
00
temp-filter
1
101
00
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com