Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 35Page - NXP Semiconductors PCA9620 Datasheet HTML 36Page - NXP Semiconductors PCA9620 Datasheet HTML 37Page - NXP Semiconductors PCA9620 Datasheet HTML 38Page - NXP Semiconductors PCA9620 Datasheet HTML 39Page - NXP Semiconductors PCA9620 Datasheet HTML 40Page - NXP Semiconductors PCA9620 Datasheet HTML 41Page - NXP Semiconductors PCA9620 Datasheet HTML 42Page - NXP Semiconductors PCA9620 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
39 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
Remark: In case that a external clock is used then this clock signal must always be
supplied to the device; removing the clock may freeze the LCD in a DC state, which is not
suitable for the liquid crystal. Removal of the clock is possible when following the correct
procedures. See Figure 12 on page 19 and Figure 13 on page 20.
7.5.3 Timing and frame frequency
The timing of the PCA9620 organizes the internal data flow of the device. This includes
the transfer of display data from the display RAM to the display segment outputs. The
timing also generates the LCD frame frequency which it derives as an integer division of
the clock frequency. The frame frequency is a fixed division of the internal clock or of the
frequency applied to pin CLK when an external clock is used:
(13)
When the internal clock is used, the clock and frame frequency can be programmed by
software such that the nominal frame frequency can be chosen in steps of 10 Hz in the
range of 60 Hz to 300 Hz (see Table 17 on page 9). Furthermore the nominal frame
frequency is factory-calibrated with an accuracy of
±15 %.
When the internal clock is enabled at pin CLK by using bit COE, the duty ratio of the clock
may change when choosing different values for the frame frequency prescaler. Table 17
on page 9 shows the different output duty ratios for each frame frequency prescaler
setting.
7.6 Backplane outputs
The LCD drive section includes eight backplane outputs: BP0 to BP7. The backplane
output signals are generated based on the selected LCD multiplex drive mode.
Table 31 describes which outputs are active for each of the multiplex drive modes and
what signal is generated.
[1]
These pins may optionally be connected to the display to improve drive strength. Connect only with the
corresponding output pin carrying the same signal. If not required they can be left open-circuit.
f
fr
f
clk
48
-------
=
Table 31.
Mapping of output pins and corresponding output signals with respect to the
multiplex driving mode
Multiplex
drive
mode
Output pin
BP0
BP1
BP2
BP3
BP4
BP5
BP6
BP7
Signal
1:8
BP0
BP1
BP2
BP3
BP4
BP5
BP6
BP7
1:6
BP0
BP1
BP2
BP3
BP4
BP5
BP0[1]
BP1[1]
1:4
BP0
BP1
BP2
BP3
BP0[1]
BP1[1]
BP2[1]
BP3[1]
1:2
BP0
BP1
BP0[1]
BP1[1]
BP0[1]
BP1[1]
BP0[1]
BP1[1]
static
BP0
BP0[1]
BP0[1]
BP0[1]
BP0[1]
BP0[1]
BP0[1]
BP0[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com