Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA9620 Datasheet HTML 1Page - NXP Semiconductors PCA9620 Datasheet HTML 2Page - NXP Semiconductors PCA9620 Datasheet HTML 3Page - NXP Semiconductors PCA9620 Datasheet HTML 4Page - NXP Semiconductors PCA9620 Datasheet HTML 5Page - NXP Semiconductors PCA9620 Datasheet HTML 6Page - NXP Semiconductors PCA9620 Datasheet HTML 7Page - NXP Semiconductors PCA9620 Datasheet HTML 8Page - NXP Semiconductors PCA9620 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
4 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
6.2 Pin description
[1]
When the internal VLCD generation is used, this pin drives the VLCD voltage. In this case pin VLCD
is an output. When the external supply is requested then pin VLCD is an input and VLCD can be
supplied to it. In this case the internal charge pump must be disabled (see Table 8 on page 7).
Table 3.
Pin description
Symbol
Pin
Type
Description
S0 to S59
61 to 80 and
1 to 40
output
LCD segment
BP0 to BP7
41 to 48
output
LCD backplane
VLCD
49
supply/output[1]
LCD supply voltage
VDD2
50
supply
supply voltage 2 (charge pump)
VDD1
51
supply
supply voltage 1 (analog and digital)
VSS
52
supply
ground supply voltage
T1 to T3
53 to 55
input
test pins; must be tied to VSS in applications
CLK
56
input/output
internal oscillator output, external oscillator input
A0, A1
57, 58
input
I2C-bus slave address selection bit
SCL
59
input
I2C-bus serial clock
SDA
60
input/output
I2C-bus serial data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com