Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 17Page - NXP Semiconductors PCA9620 Datasheet HTML 18Page - NXP Semiconductors PCA9620 Datasheet HTML 19Page - NXP Semiconductors PCA9620 Datasheet HTML 20Page - NXP Semiconductors PCA9620 Datasheet HTML 21Page - NXP Semiconductors PCA9620 Datasheet HTML 22Page - NXP Semiconductors PCA9620 Datasheet HTML 23Page - NXP Semiconductors PCA9620 Datasheet HTML 24Page - NXP Semiconductors PCA9620 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
21 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
[1]
Determined from Equation 3.
[2]
Determined from Equation 2.
[3]
In this examples the discrimination factor and hence the contrast ratios are smaller. The advantage of these LCD drive modes is a
power saving from a reduction of the LCD voltage VLCD.
A practical value for VLCD is determined by equating Voff(RMS) with a defined LCD
threshold voltage (Vth), typically when the LCD exhibits approximately 10 % contrast. In
the static drive mode a suitable choice is VLCD >3Vth.
Bias is calculated by
, where the values for a are
a = 1 for 1
⁄
2 bias
a = 2 for 1
⁄
3 bias
a = 3 for 1
⁄
4 bias
The RMS on-state voltage (Von(RMS)) for the LCD is calculated with Equation 1:
(1)
where VLCD is the resultant voltage at the LCD segment and where the values for n are
n = 1 for static mode
n = 2 for 1:2 multiplex
n = 4 for 1:4 multiplex
n = 6 for 1:6 multiplex
n = 8 for 1:8 multiplex
The RMS off-state voltage (Voff(RMS)) for the LCD is calculated with Equation 2:
Table 26.
LCD drive modes: summary of characteristics
LCD drive
mode
Number of:
LCD bias
configuration
[1]
VLCD[2]
Backplanes Levels
static
1
2
static
0
1
∞
Von(RMS)
1:2 multiplex
2
3
1
⁄
2
0.354
0.791
2.236
2.828
× V
off(RMS)
1:2 multiplex
2
4
1
⁄
3
0.333
0.745
2.236
3.0
× V
off(RMS)
1:2 multiplex[3]
25
1
⁄
4
0.395
0.729
1.845
2.529
× V
off(RMS)
1:4 multiplex[3]
43
1
⁄
2
0.433
0.661
1.527
2.309
× V
off(RMS)
1:4 multiplex
4
4
1
⁄
3
0.333
0.577
1.732
3.0
× V
off(RMS)
1:4 multiplex[3]
45
1
⁄
4
0.331
0.545
1.646
3.024
× V
off(RMS)
1:6 multiplex[3]
63
1
⁄
2
0.456
0.612
1.341
2.191
× V
off(RMS)
1:6 multiplex
6
4
1
⁄
3
0.333
0.509
1.527
3.0
× V
off(RMS)
1:6 multiplex
6
5
1
⁄
4
0.306
0.467
1.527
3.266
× V
off(RMS)
1:8 multiplex[3]
83
1
⁄
2
0.467
0.586
1.254
2.138
× V
off(RMS)
1:8 multiplex[3]
84
1
⁄
3
0.333
0.471
1.414
3.0
× V
off(RMS)
1:8 multiplex
8
5
1
⁄
4
0.293
0.424
1.447
3.411
× V
off(RMS)
V
off RMS
()
V
LCD
-----------------------
V
on RMS
()
V
LCD
----------------------
D
V
on RMS
()
V
off RMS
()
-----------------------
=
1
1a
+
-------------
V
on RMS
()
a2
2a
n
++
n
1a
+
()
2
×
------------------------------
V
LCD
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com