Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 31Page - NXP Semiconductors PCA9620 Datasheet HTML 32Page - NXP Semiconductors PCA9620 Datasheet HTML 33Page - NXP Semiconductors PCA9620 Datasheet HTML 34Page - NXP Semiconductors PCA9620 Datasheet HTML 35Page - NXP Semiconductors PCA9620 Datasheet HTML 36Page - NXP Semiconductors PCA9620 Datasheet HTML 37Page - NXP Semiconductors PCA9620 Datasheet HTML 38Page - NXP Semiconductors PCA9620 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
35 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
In case it is desired to change the charge pump frequency, it is recommended to make a
graph like Figure 26 and understand what the application requirements are. This would
basically imply to find out what would be the maximum VLCD requirements and what would
be the maximum load currents required. Then it can be decided which is the best setting
of bit CPF.
Tuning the charge pump frequency might be a difficult task to do and requires good
knowledge of the application in which the IC is being used; therefore, NXP recommends
to keep the CPF bit set logic 0 to have the maximum charge pump frequency, thus having
the maximum driving strength.
7.4.7 Temperature readout
The PCA9620 has a built-in temperature sensor which provides a 8 bit digital value,
TD[7:0], of the ambient temperature. This value can be read through the I2C interface (see
Figure 49 on page 52). The actual temperature is determined from TD[7:0] using
Equation 11:
(11)
The measurement needs about 5 ms to complete and is repeated periodically as soon as
bit TME is set logic 1 (see Table 9 on page 7). The time between measurements is linked
to the system clock and hence varies with changes in the chosen frame frequency, see
Table 28.
Due to the nature of a temperature sensor, oscillations on the VLCD may occur. To avoid
this, a filter has been implemented in PCA9620. The system is shown in Figure 27.
Like any other filtering, the digital temperature filter (see Figure 27) introduces a certain
delay in the measurement of temperature. This behavior is illustrated in Figure 28.
Table 28.
Temperature measurement update rate
Selected frame frequency
Temperature measurement update rate
60 Hz
3.3 s
200 Hz
1 s
300 Hz
0.67 s
Fig 27. Temperature measurement block with digital temperature filter
T (°C)
0.9375
TD 7:0
[] 40
–
×
=
TEMPERATURE
MEASUREMENT
BLOCK
DIGITAL
TEMPERATURE
FILTER
TD[7:0]
unfiltered
TD[7:0]
filtered
enabled or disabled
by bit TFE
To the readout register
via I2C-bus and to
the VLCD compensation
block
013aaa260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com