Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 30Page - NXP Semiconductors PCA9620 Datasheet HTML 31Page - NXP Semiconductors PCA9620 Datasheet HTML 32Page - NXP Semiconductors PCA9620 Datasheet HTML 33Page - NXP Semiconductors PCA9620 Datasheet HTML 34Page - NXP Semiconductors PCA9620 Datasheet HTML 35Page - NXP Semiconductors PCA9620 Datasheet HTML 36Page - NXP Semiconductors PCA9620 Datasheet HTML 37Page - NXP Semiconductors PCA9620 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
34 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
(9)
The ratio between these two numbers determines the charge pump power efficiency:
(10)
Loading the charge pump with higher currents decreases the output voltage. This
decrease is determined by the charge pump driving capability, respectively by the output
resistance of the charge pump (see Table 35 on page 55).
The power efficiency calculation is only valid when the charge pump is running at its
maximum peak frequency and regulates the generated VLCD voltage with full speed. In
this case, the ripple on the VLCD voltage equals the internal charge pump frequency.
Approximately, this could also be calculated with the parameter of the output resistance of
the charge pump (see Table 35 on page 55), the load current, and the voltage needed to
be provided by using Equation 7 on page 33. This value of Iload is close to the value of the
load current needed for the application.
If the application runs with VDD2 = 3.0 V, the load currents are up to 400 μA
(DC measured), and the VLCD generated voltages are up to 5.0 V, then - concerning
power efficiency - it would be the best to have a charge pump frequency set to half
frequency.
Charge pump set to 2
× V
DD2; VDD2 =3V.
(1)
η
p, full charge pump frequency.
(2)
η
p, half charge pump frequency.
(3) VLCD, full frequency.
(4) VLCD, half frequency.
Fig 26. Power efficiency of the charge pump
P
i
I
DD2
V
DD2
×
=
η
p
P
o Pi
⁄
=
Iload (μA)
0
1000
800
400
600
200
001aan027
50
70
90
ηp
(%)
30
3
5
7
VLCD
(V)
1
(3)
(4)
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com