Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 41Page - NXP Semiconductors PCA9620 Datasheet HTML 42Page - NXP Semiconductors PCA9620 Datasheet HTML 43Page - NXP Semiconductors PCA9620 Datasheet HTML 44Page - NXP Semiconductors PCA9620 Datasheet HTML 45Page - NXP Semiconductors PCA9620 Datasheet HTML 46Page - NXP Semiconductors PCA9620 Datasheet HTML 47Page - NXP Semiconductors PCA9620 Datasheet HTML 48Page - NXP Semiconductors PCA9620 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
45 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
The remaining bits are wrapped up into the next column. In order to fill the whole RAM
addresses 45 bytes need to be sent to the PCA9620. After the last byte sent the data
pointer is wrapped around to column 0 to start a possible RAM content update (see
Figure 38). Even if a data byte is transmitted during the wrapping of the data pointer, all
the bits in the byte will be written correctly.
7.9.1.5
RAM filling in 1:8 multiplex drive mode
In the 1:8 multiplex drive mode the eight transmitted data bits are placed into eight rows of
one display RAM column (see Figure 39).
Fig 37. Display RAM filling order in 1:6 multiplex drive mode
Fig 38. Data pointer wrap around in 1:6 multiplex drive mode
0
1
2
3
4
5
6
7
5556575859
a0
a1
a2
a3
a4
a5
a6
a7
0
MSB
LSB
1
2
3
4
5
transmitted data bytes
a7
a6
a5
a4
a3
a2
a1
a0
b0
b1
b2
b3
b4
b5
b6
c0
c1
c2
c3
c4
c5
c6
b7
c7
b7
b6
b5
b4
b3
b2
b1
b0
c7
c6
c5
c4
c3
c2
c1
c0
display RAM columns/segment outputs (S)
columns
display RAM rows/
backplane outputs
(BP)
rows
013aaa266
data pointer
incrementation
0
1
2
3
4
5
6
7
5556575859
0
1
2
3
4
5
a7
a6
a5
a4
a3
a2
a1
a0
b7
b6
b5
b4
b3
b2
b1
b0
c7
c6
c5
c4
c3
c2
c1
c0
display RAM
data pointer
013aaa290
wrap around



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com