Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 43Page - NXP Semiconductors PCA9620 Datasheet HTML 44Page - NXP Semiconductors PCA9620 Datasheet HTML 45Page - NXP Semiconductors PCA9620 Datasheet HTML 46Page - NXP Semiconductors PCA9620 Datasheet HTML 47Page - NXP Semiconductors PCA9620 Datasheet HTML 48Page - NXP Semiconductors PCA9620 Datasheet HTML 49Page - NXP Semiconductors PCA9620 Datasheet HTML 50Page - NXP Semiconductors PCA9620 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
47 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
In Figure 41 an example is shown for 1:4 multiplex drive mode where the displayed data is
read from the first four rows of the memory (bank 0), while the transmitted data is stored in
the second four rows of the memory (bank 4) which is currently not accessed for the
reading. Therefore different content can be loaded into the first and second four RAM
rows which will be immediately displayed on the LCD by switching it with the
output-bank-select command (see Figure 42).
7.9.2.1
Input-bank-select
The input-bank-select command (see Table 18 on page 10) loads display data into the
display RAM in accordance with the selected LCD drive configuration.
• In static drive mode, an individual content can be stored in each RAM bank (bank 0 to
bank 7 which corresponds to row 0 to row 7).
• In 1:2 multiplex drive mode, individual content for RAM bank 0 (row 0 and row 1),
RAM bank 2 (row 2 and row 3), RAM bank 4 (row 4 and 5) and RAM bank 6 (row 6
and row 7) can be stored.
• In 1:4 multiplex drive mode individual content can be stored in RAM bank 0 (row 0 to
row 3) and RAM bank 4 (row 4 to row 7).
The input-bank-select command works independently to the output-bank-select.
Fig 41. Example of bank selection in 1:4 multiplex mode
Fig 42. Example of the input-bank-select and the output-bank-select command with
multiplex drive mode 1:4
MICROCONTROLLER
DISPLAY
RAM
BANK 0
BANK 4
013aaa422
INPUT-BANK-SELECT COMMAND
CONTROLS THE INPUT DATA PATH
OUTPUT-BANK-SELECT COMMAND
CONTROLS THE OUTPUT DATA PATH
4
5
6
7
display RAM columns/segment outputs (S)
columns
display RAM rows/
backplane outputs
(BP)
rows
013aaa424
0
1
2
34
56
7
55 56 57 58 59
0
1
2
3
to the LCD
output RAM bank
input RAM bank
to the RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com