Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 8Page - NXP Semiconductors PCA9620 Datasheet HTML 9Page - NXP Semiconductors PCA9620 Datasheet HTML 10Page - NXP Semiconductors PCA9620 Datasheet HTML 11Page - NXP Semiconductors PCA9620 Datasheet HTML 12Page - NXP Semiconductors PCA9620 Datasheet HTML 13Page - NXP Semiconductors PCA9620 Datasheet HTML 14Page - NXP Semiconductors PCA9620 Datasheet HTML 15Page - NXP Semiconductors PCA9620 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
12 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
In frame inversion mode the DC value is compensated across two frames and not within
one frame. Changing the inversion mode to frame inversion reduces the power
consumption, therefore it is useful when power consumption is a key point in the
application.
Frame inversion may not be suitable for all applications. The RMS voltage across a
segment is better defined, however since the switching frequency is reduced there is
possibility for flicker to occur.
The waveforms of Figure 15 on page 23 to Figure 21 on page 29 are showing line
inversion mode. Figure 22 on page 30 shows one example of frame inversion.
7.1.16 Command: temp-filter
[1]
Default value.
7.2 Possible display configurations
The PCA9620 is a versatile peripheral device designed to interface between any
microprocessor or microcontroller to a wide variety of LCD segment or dot matrix displays
(see Figure 3). It can directly drive any static or multiplexed LCD containing up to eight
backplanes and up to 60 segments.
The display configurations possible with the PCA9620 depend on the number of active
backplane outputs required; a selection of possible display configurations is given in
Table 24.
Table 23.
Temp-filter - digital temperature filter command bit description
Bit
Symbol
Value
Description
7 to 1
-
1101001
fixed value
0
TFE
digital temperature filter switch
0[1]
digital temperature filter disabled;
the unfiltered digital value of TD[7:0] is
immediately available for the readout and
VLCD compensation, see Section 7.4.7 on
page 35
1
digital temperature filter enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com