Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 3Page - NXP Semiconductors PCA9620 Datasheet HTML 4Page - NXP Semiconductors PCA9620 Datasheet HTML 5Page - NXP Semiconductors PCA9620 Datasheet HTML 6Page - NXP Semiconductors PCA9620 Datasheet HTML 7Page - NXP Semiconductors PCA9620 Datasheet HTML 8Page - NXP Semiconductors PCA9620 Datasheet HTML 9Page - NXP Semiconductors PCA9620 Datasheet HTML 10Page - NXP Semiconductors PCA9620 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
7 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
7.1.4 Command: charge-pump-ctrl
The charge-pump-ctrl command enables or disables the internal VLCD generation and
controls the charge pump voltage multiplier setting.
[1]
Default value.
7.1.5 Command: temp-msr-ctrl
The temp-msr-ctrl command enables or disables the temperature measurement block and
the temperature compensation of VLCD.
[1]
Default value.
7.1.6 Command: set-VPR-MSB and set-VPR-LSB
With these two instructions it is possible to set the target VLCD voltage for the internal
charge pump, see Section 7.4.3 on page 31.
[1]
Default value.
Table 8.
Charge-pump-ctrl - charge pump control command bit description
Bit
Symbol
Value
Description
7 to 2
-
110000
fixed value
1
CPE
charge pump switch
0[1]
charge pump disabled;
no internal VLCD generation;
external supply of VLCD
1
charge pump enabled
0
CPC
charge pump voltage multiplier setting
0[1]
VLCD = 2 × VDD2
1VLCD = 3 × VDD2
Table 9.
Temp-msr-ctrl - temperature measurement control command bit description
For further information, see Section 7.4.8 on page 36.
Bit
Symbol
Value
Description
7 to 2
-
110010
fixed value
1
TCE
temperature compensation switch
0
no temperature compensation of VLCD
possible
1[1]
temperature compensation of VLCD possible
0
TME
temperature measurement switch
0
temperature measurement disabled;
no temperature readout possible
1[1]
temperature measurement enabled;
temperature readout possible
Table 10.
Set-VPR-MSB - set VPR MSB command bit description
Bit
Symbol
Value
Description
7 to 4
-
0100
fixed value
3 to 0
VPR[7:4]
0000[1] to 1111 the four most significant bits of VPR[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com