Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9620 Datasheet HTML 1Page - NXP Semiconductors PCA9620 Datasheet HTML 2Page - NXP Semiconductors PCA9620 Datasheet HTML 3Page - NXP Semiconductors PCA9620 Datasheet HTML 4Page - NXP Semiconductors PCA9620 Datasheet HTML 5Page - NXP Semiconductors PCA9620 Datasheet HTML 6Page - NXP Semiconductors PCA9620 Datasheet HTML 7Page - NXP Semiconductors PCA9620 Datasheet HTML 8Page - NXP Semiconductors PCA9620 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
1.
General description
The PCA9620 is a peripheral device which interfaces to almost any Liquid Crystal Display
(LCD)1 with low multiplex rates. It generates the drive signals for any static or multiplexed
LCD containing up to eight backplanes, 60 segments, and up to 480 elements. The
PCA9620 is compatible with most microprocessors or microcontrollers and communicates
via a two-line bidirectional I2C-bus. Communication overheads are minimized using a
display RAM with auto-incremented addressing and display memory switching. The
PCA9620 features an internal charge pump with internal capacitors for on-chip generation
of the LCD driving voltages.
AEC Q100 grade 2 compliant for automotive applications.
2.
Features and benefits
Low power consumption
Extended operating temperature range from
−40 °C to +105 °C
60 segments and 8 backplanes allowing to drive:
up to 60 7-segment alphanumeric characters
up to 30 14-segment alphanumeric characters
any graphics of up to 480 elements
480 bit RAM for display data storage
Selectable backplane drive configuration: static, 2, 4, 6, or 8 backplane multiplexing
Programmable internal charge pump for on-chip LCD voltage generation up to
3
× V
DD2
400 kHz I2C-bus interface
Selectable linear temperature compensation of VLCD
Selectable display bias configuration
Wide range for digital and analog power supply: from 2.5 V to 5.5 V
Wide LCD supply range: from 2.5 V for low threshold LCDs and up to 9.0 V for high
threshold (automobile) twisted nematic LCDs
Display memory bank switching in static, duplex, and quadruplex drive modes
Programmable frame frequency in steps of 10 Hz in the range of 60 Hz to 300 Hz;
factory calibrated with a tolerance of
±15 % covering the whole temperature and
voltage range
Selectable inversion scheme for LCD driving waveforms: frame or line inversion
Integrated temperature sensor with temperature readout
On chip calibration of internal oscillator frequency and VLCD
PCA9620
Universal LCD driver for low multiplex rates
Rev. 1 — 9 December 2010
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 15 on page 65.


Similar Part No. - PCA9620

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9620 NXP-PCA9620 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9620 NXP-PCA9620 Datasheet
1Mb / 81P
60 x 8 LCD high-drive segment driver for automotive and industrial
Rev. 3-3 July 2013
PCA9620H NXP-PCA9620H Datasheet
1Mb / 81P
60 x 8 LCD high-drive segment driver for automotive and industrial
Rev. 3-3 July 2013
PCA9620H NXP-PCA9620H Datasheet
547Kb / 54P
Automotive 80 횞 4 LCD driver for low multiplex rates
Rev. 5-12 November 2018
PCA9620H NXP-PCA9620H Datasheet
495Kb / 55P
Automotive 32 x 4 LCD driver for low multiplex rates
Rev. 3-12 November 2018
More results

Similar Description - PCA9620

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8566 PHILIPS-PCF8566 Datasheet
243Kb / 40P
Universal LCD driver for low multiplex rates
1998 May 04
PCF8534A NXP-PCF8534A Datasheet
834Kb / 41P
Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
PCF8562 NXP-PCF8562 Datasheet
183Kb / 36P
Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
PCF8576D NXP-PCF8576D Datasheet
267Kb / 52P
Universal LCD driver for low multiplex rates
Rev. 1-18 February 2011
PCA85133 NXP-PCA85133 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-23 October 2009
PCF8566 NXP-PCF8566 Datasheet
247Kb / 48P
Universal LCD driver for low multiplex rates
Rev. 07-25 February 2009
PCA8576C NXP-PCA8576C Datasheet
343Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-22 July 2010
PCF8532 NXP-PCF8532 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-10 February 2009
PCF85134 NXP-PCF85134 Datasheet
215Kb / 40P
Universal LCD driver for low multiplex rates
Rev. 01-17 December 2009
PCF8576DU NXP-PCF8576DU Datasheet
371Kb / 57P
Universal LCD driver for low multiplex rates
Rev. 14-10 June 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com