Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 48Page - NXP Semiconductors PCA9620 Datasheet HTML 49Page - NXP Semiconductors PCA9620 Datasheet HTML 50Page - NXP Semiconductors PCA9620 Datasheet HTML 51Page - NXP Semiconductors PCA9620 Datasheet HTML 52Page - NXP Semiconductors PCA9620 Datasheet HTML 53Page - NXP Semiconductors PCA9620 Datasheet HTML 54Page - NXP Semiconductors PCA9620 Datasheet HTML 55Page - NXP Semiconductors PCA9620 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
52 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
The I2C-bus protocol is shown in Figure 47. The sequence is initiated with a START
condition (S) from the I2C-bus master which is followed by one of the four PCA9620 slave
addresses available. All PCA9620’s with the corresponding A1 and A0 level acknowledge
in parallel to the slave address, but all PCA9620 with the alternative A1 and A0 levels
ignore the whole I2C-bus transfer.
After acknowledgement, a control byte follows which defines if the next byte is RAM or
command information. The control byte also defines if the next byte is a control byte or
further RAM or command data.
In this way it is possible to configure the device and then fill the display RAM with little
overhead.
The display bytes are stored in the display RAM at the address specified by the data
pointer.
The acknowledgement after each byte is made only by the (A0 and A1) addressed
PCA9620. After the last display byte, the I2C-bus master issues a STOP condition (P).
Alternatively a START may be issued to RESTART an I2C-bus access.
In case that a temperature readout (byte TD[7:0]) is made the R/W bit must be logic 1 and
then the next data byte following is provided by the PCA9620 as shown in Figure 49.
Table 33.
Control byte description
Bit
Symbol
Value
Description
7CO
continue bit
0
last control byte
1
control bytes continue
6RS
register selection
0
command register
1
data register
5 to 0
-
-
not relevant
Fig 48. Control byte format
Fig 49. I2C-bus protocol read mode
mgl753
not relevant
CO
7
6
5
4
3
210
RS
MSB
LSB
013aaa294
A
0
S 0 1110
1
slave address
temperature
readout byte
M
S
B
L
S
B
A P
R/W = 1
A
1
A
acknowledge
from PCA9620
acknowledge
from master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com