Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9620 Datasheet HTML 1Page - NXP Semiconductors PCA9620 Datasheet HTML 2Page - NXP Semiconductors PCA9620 Datasheet HTML 3Page - NXP Semiconductors PCA9620 Datasheet HTML 4Page - NXP Semiconductors PCA9620 Datasheet HTML 5Page - NXP Semiconductors PCA9620 Datasheet HTML 6Page - NXP Semiconductors PCA9620 Datasheet HTML 7Page - NXP Semiconductors PCA9620 Datasheet HTML 8Page - NXP Semiconductors PCA9620 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
5 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
7.
Functional description
The PCA9620 is a versatile peripheral device designed to interface any microprocessor or
microcontroller to a wide variety of LCDs. It can directly drive any static or multiplexed
LCD containing up to 480 elements.
7.1 Commands of PCA9620
The PCA9620 is controlled by 22 commands, which are defined in Table 4. Any other
combinations of operation code bits that are not mentioned in this document may lead to
undesired operation modes of PCA9620.
7.1.1 Command: initialize
This command generates a chip wide reset which resets all command values to their
default values (see Table 25 on page 15). It must be sent to the PCA9620 after power-on.
After this command is sent, it is possible to send additional commands without the need to
re-initialize the interface. Reset takes 100 ns to complete.
For further information see Section 7.3 on page 14.
Table 4.
Commands of PCA9620
Command name
Bits
Reference
7
6
5
4
3
2
1
0
initialize
00111010
Section 7.1.1
OTP-refresh
11010000
Section 7.1.2
oscillator-ctrl
110011COE
OSC
Section 7.1.3
charge-pump-ctrl
110000CPE
CPC
Section 7.1.4
temp-msr-ctrl
110010TCE
TME
Section 7.1.5
temp-comp-SLA
00011SLA[2:0]
Table 29
temp-comp-SLB
00100SLB[2:0]
temp-comp-SLC
00101SLC[2:0]
temp-comp-SLD
00110SLD[2:0]
set-VPR-MSB
0100VPR[7:4]
Section 7.1.6
set-VPR-LSB
0101VPR[3:0]
display-enable
0011100E
Section 7.1.7
set-MUX-mode
00000M[2:0]
Section 7.1.8
set-bias-mode
110001B[1:0]
Section 7.1.9
load-data-pointer
1
0
P[5:0]
Section 7.1.10
frame-frequency
011F[4:0]
Section 7.1.11
input-bank-select
00001IB[2:0]
Section 7.1.12.1
output-bank-select
00010OB[2:0]
write-RAM-data
B[7:0]
Section 7.1.13
temp-read
TD[7:0]
Section 7.1.14,
Section 7.4.7
invmode_CPF_ctrl
110101LF
CPF
Section 7.1.15
temp-filter
1101001TFE
Section 7.1.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com