Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 34Page - NXP Semiconductors PCA9620 Datasheet HTML 35Page - NXP Semiconductors PCA9620 Datasheet HTML 36Page - NXP Semiconductors PCA9620 Datasheet HTML 37Page - NXP Semiconductors PCA9620 Datasheet HTML 38Page - NXP Semiconductors PCA9620 Datasheet HTML 39Page - NXP Semiconductors PCA9620 Datasheet HTML 40Page - NXP Semiconductors PCA9620 Datasheet HTML 41Page - NXP Semiconductors PCA9620 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
38 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
The Voffset(LCD) value can be calculated with the equations given in Table 30:
(12)
[1]
No temperature compensation is possible above 80
°C. Above this value, the system maintains the
compensation value from 80
°C.
Example: Assumed that Tamb = −8 °C; TD[7:0] = 22h; MB = −0.5:
The VT[7:0] term is calculated using the digital temperature value TD[7:0] which is
provided by the temperature measurement block (Section 7.4.7). Therefore the accuracy
of the temperature measurement block (Tacc, see Table 35 on page 55) will be directly
translated to the LCD voltage deviation
ΔV
LCD.
Since VT[7:0] = f[T,slope] and Tacc = ±6 °C then
, where slope has one
of the possible values specified in Table 29. This term will be added to the total LCD
voltage deviation
ΔV
offset(LCD)tot over the temperature range. So the total VLCD offset will
be:
.
7.5 Oscillator
The internal logic and LCD drive signals of the PCA9620 are timed by a frequency fclk
which either is the built-in oscillator frequency fosc or equals an external clock frequency.
7.5.1 Internal oscillator
When the internal oscillator is used, it is possible to make the clock signal available on pin
CLK by using the oscillator-ctrl command (see Table 7 on page 6). If this is not intended,
pin CLK should be left open. At power-on the signal at pin CLK is disabled and pin CLK is
in 3-state.
The duty cycle of the output clock provided on the CLK pin is not always 50 : 50. Table 17
on page 9 shows the expected duty cycle for each of the chosen frame frequencies.
7.5.2 External clock
In applications where an external clock needs to be applied to the PCA9620, bit OSC (see
Table 7 on page 6) must be set logic 1. In this case pin CLK becomes an input.
The CLK signal is a signal that is fed into the VDD1 domain so it must have an amplitude
equal to the VDD1 voltage supplied to the chip and be referenced to VSS.
The clock frequency (fclk) determines the LCD frame frequency ffr.
Table 30.
Calculation of the temperature compensated voltage VT
Temperature range
TD[7:0]
Offset equation for VT
T
≤ −40 °C0h
−40 °C ≤ T ≤−10 °C
0h to 20h
−10 °C < T ≤ 20 °C
21h to 40h
20
°C < T ≤ 50 °C
41h to 60h
50
°C < T < 80 °C
61h to 7Eh
80
°C ≤ T7Fh[1]
V
offset LCD
()
mV
T
×
=
V
T
32
–
MA
×
32
MB
×
–
=
V
T
TD 7:0
[] 32
–
() MA 32 MB
×
–
×
=
V
T
TD 7:0
[] 64
–
()
() MB
×
=
V
T
TD 7:0
[] 64
–
() MC
×
=
V
T
TD 7:0
[] 96
–
() MD
×
32
MC
×
+
=
V
T
31
MD
×
32
+
MC
×
=
V
offset LCD
()
mV
T
×
mTD[7:0]
64
–
() MB
×
×
30mV
34
64
–
()
0.5
–
×
()
×
30mV
30
–
0.5
–
×
×
450mV
==
=
=
=
ΔV
T
T
acc
slope
×
=
ΔV
offset LCD
()tot
ΔV
LCD
ΔV
T
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com