Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 28Page - NXP Semiconductors PCA9620 Datasheet HTML 29Page - NXP Semiconductors PCA9620 Datasheet HTML 30Page - NXP Semiconductors PCA9620 Datasheet HTML 31Page - NXP Semiconductors PCA9620 Datasheet HTML 32Page - NXP Semiconductors PCA9620 Datasheet HTML 33Page - NXP Semiconductors PCA9620 Datasheet HTML 34Page - NXP Semiconductors PCA9620 Datasheet HTML 35Page - NXP Semiconductors PCA9620 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
32 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
It has to be taken into account that the charge pump has to be configured (via bit CPC)
properly to obtain the desired voltage range. For example, if VDD2 = 3.0 V and CPC is set
to 2
× V
DD2 (logic 0) then the maximum theoretical value that the charge pump can reach
is VLCD = 6.0 V. But in reality, lower values will be reached due to internal resistances, see
Section 7.4.5. So, if the requested value for VLCD = 7.0 V then the charge pump has to be
configured with CPC set to 3
× V
DD2 (logic 1).
Programmable range of VPR[7:0] is from 0h to FFh. This would allow to achieve
VLCD > 9.0 V, but the PCA9620 has a built-in automatic limitation of VLCD at 9.0 V.
In case that VDD2 is higher than 3.0 V, then it is important that VPR[7:0] is set to a value
such that the resultant VLCD (including the temperature correction of VT[7:0]) is higher
than VDD2.
7.4.4 External VLCD supply
VLCD can be directly supplied to the VLCD pin. In this case the internal charge pump must
not be enabled otherwise a high current may occur on pin VDD2 and pin VLCD. When VLCD
is supplied externally, no internal temperature compensation occurs on this voltage even if
bit TCE is set logic 1 (see Section 7.4.8 on page 36). The VLCD voltage which is supplied
externally will be available at the segments and backplanes of the device through the
chosen bias system. Also programming the VPR[7:0] bit field has no effect on the VLCD
which is externally supplied.
(1) If VDD2 > 3.0 V then VPR[7:0] must be set so that VLCD > VDD2.
(2) Automatic limitation for VLCD > 9.0 V.
Fig 24. VLCD programming of PCA9620 (assuming VT[7:0] = 0h)
013aaa258
00
01
02
m
VLCD
VPR[7:0]
03
04
05
06
. . . . . . . . . . . . . . . . . . . . . . . .
. . .
FD
FE
FF
n
FC
9 V
C8
C9
CA
C7
(1)
(2)
VDD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com