Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 2Page - NXP Semiconductors PCA9620 Datasheet HTML 3Page - NXP Semiconductors PCA9620 Datasheet HTML 4Page - NXP Semiconductors PCA9620 Datasheet HTML 5Page - NXP Semiconductors PCA9620 Datasheet HTML 6Page - NXP Semiconductors PCA9620 Datasheet HTML 7Page - NXP Semiconductors PCA9620 Datasheet HTML 8Page - NXP Semiconductors PCA9620 Datasheet HTML 9Page - NXP Semiconductors PCA9620 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
6 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
7.1.2 Command: OTP-refresh
During production and testing of the device, each IC is calibrated in order to achieve the
specified accuracy of VLCD, the frame frequency, and the temperature measurement. This
calibration is performed on EPROM cells called One Time Programmable (OTP) cells.
These cells are being read by the device at power-on, after a reset, and every time when
the initialize command or the OTP-refresh command is sent. This command will take
approximately 10 ms to finish.
7.1.3 Command: oscillator-ctrl
The oscillator-ctrl command switches between internal and external oscillator and enables
or disables pin CLK.
[1]
Default value.
Table 5.
Initialize - initialize command bit description
Bit
Symbol
Value
Description
7 to 0
-
00111010
fixed value
Table 6.
OTP-refresh - OTP-refresh command bit description
Bit
Symbol
Value
Description
7 to 0
-
11010000
fixed value
Table 7.
Oscillator-ctrl - oscillator control command bit description
For further information, see Section 7.5 on page 38.
Bit
Symbol
Value
Description
7 to 2
-
110011
fixed value
1
COE
control pin CLK
0[1]
clock signal not available on pin CLK;
pin CLK is in 3-state and may be left floating
1
clock signal available on pin CLK
0
OSC
oscillator source
0[1]
internal oscillator running
1
external oscillator used;
pin CLK becomes an input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com