Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 9Page - NXP Semiconductors PCA9620 Datasheet HTML 10Page - NXP Semiconductors PCA9620 Datasheet HTML 11Page - NXP Semiconductors PCA9620 Datasheet HTML 12Page - NXP Semiconductors PCA9620 Datasheet HTML 13Page - NXP Semiconductors PCA9620 Datasheet HTML 14Page - NXP Semiconductors PCA9620 Datasheet HTML 15Page - NXP Semiconductors PCA9620 Datasheet HTML 16Page - NXP Semiconductors PCA9620 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
13 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
All of the display configurations in Table 24 can be implemented in the typical systems
shown in Figure 4 (internal VLCD) and in Figure 5 (external VLCD).
Fig 3.
Example of displays suitable for PCA9620
Table 24.
Selection of possible display configurations
Number of
Backplanes
Icons
Digits/Characters
Dot matrix/
Elements
7-segment
14-segment
8
480
60
30
480 dots (8
× 60)
6
320
45
22
360 dots (6
× 60)
4
240
30
15
240 dots (4
× 60)
2
120
15
7
120 dots (2
× 60)
160
7
360 dots (1
× 60)
VDD1 from 2.5 V to 5.5 V and VDD2 from 2.5 V to 5.5 V.
Fig 4.
Typical system configuration when using the internal VLCD generation
7-segment with dot
14-segment with dot and accent
013aaa312
dot matrix
HOST
PROCESSOR/
MICRO-
CONTROLLER
R
≤
tr
2Cb
SDA
SCL
60 segment drives
8 backplanes
LCD PANEL
(up to 480
elements)
PCA9620
A0
A1
VDD1
VSS
VSS
013aaa247
VDD2
VLCD
VDD2
VDD1
CLK
n.c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com