Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9620 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9620
Description  Universal LCD driver for low multiplex rates
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9620 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9620 Datasheet HTML 7Page - NXP Semiconductors PCA9620 Datasheet HTML 8Page - NXP Semiconductors PCA9620 Datasheet HTML 9Page - NXP Semiconductors PCA9620 Datasheet HTML 10Page - NXP Semiconductors PCA9620 Datasheet HTML 11Page - NXP Semiconductors PCA9620 Datasheet HTML 12Page - NXP Semiconductors PCA9620 Datasheet HTML 13Page - NXP Semiconductors PCA9620 Datasheet HTML 14Page - NXP Semiconductors PCA9620 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
PCA9620
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 9 December 2010
11 of 71
NXP Semiconductors
PCA9620
Universal LCD driver for low multiplex rates
7.1.13 Command: write-RAM-data
The write-RAM-data command writes data byte-wise to the RAM. After Power-On Reset
(POR) the RAM content is random and should be brought to a defined status by clearing it
(setting it logic 0).
[1]
For this command bit RS of the control byte has to be set logic 1 (see Table 33 on page 52).
More information about the display RAM can be found in Section 7.9 on page 40.
7.1.14 Command: temp-read
The temp-read command allows reading out the temperature values measured by the
internal temperature sensor.
[1]
For this command bit R/W of the I2C-bus slave address byte has to be set logic 1 (see Table 32 on
page 51).
7.1.15 Command: invmode_CPF_ctrl
The invmode_CPF_ctrl command allows changing the drive scheme inversion mode and
the charge pump frequency.
The waveforms used to drive LCD displays inherently produce a DC voltage across the
display cell. The PCA9620 will compensate for the DC voltage by inverting the waveforms
on alternate frames or alternate lines. The choice of compensation method is determined
with the LF bit.
[1]
Default value.
Table 20.
Write-RAM-data - write RAM data command bit description[1]
Bit
Symbol
Value
Description
7 to 0
B[7:0]
00000000 to
11111111
writing data byte-wise to RAM
Table 21.
Temp-read - temperature readout command bit description[1]
For further information, see Table 9 on page 7 and Section 7.4.7 on page 35.
Bit
Symbol
Value
Description
7 to 0
TD[7:0]
00000000 to
11111111
readout representing the digital temperature
Table 22.
Invmode_CPF_ctrl - inversion mode and charge pump frequency prescaler
command bit description
Bit
Symbol
Value
Description
7 to 2
-
110101
fixed value
1
LF
set inversion mode
0[1]
line inversion mode
1
frame inversion mode
0
CPF
set charge pump oscillator frequency
0[1]
fosc(cp) ~1MHz
1fosc(cp) ~ 500 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com